Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGL400V5-FGG144YES Datasheet(PDF) 7 Page - Microsemi Corporation

Part # AGL400V5-FGG144YES
Description  IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGL400V5-FGG144YES Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button AGL400V5-FGG144YES Datasheet HTML 3Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 4Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 5Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 6Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 7Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 8Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 9Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 10Page - Microsemi Corporation AGL400V5-FGG144YES Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 250 page
background image
Revision 23
1-1
1 – IGLOO Device Family Overview
General Description
The IGLOO family of flash FPGAs, based on a 130-nm flash process, offers the lowest power FPGA, a
single-chip solution, small footprint packages, reprogrammability, and an abundance of advanced
features.
The Flash*Freeze technology used in IGLOO devices enables entering and exiting an ultra-low power
mode that consumes as little as 5 µW while retaining SRAM and register data. Flash*Freeze technology
simplifies power management through I/O and clock management with rapid recovery to operation mode.
The Low Power Active capability (static idle) allows for ultra-low power consumption (from 12 µW) while
the IGLOO device is completely functional in the system. This allows the IGLOO device to control system
power management based on external inputs (e.g., scanning for keyboard stimulus) while consuming
minimal power.
Nonvolatile flash technology gives IGLOO devices the advantage of being a secure, low power, single-
chip solution that is Instant On. IGLOO is reprogrammable and offers time-to-market benefits at an ASIC-
level unit cost.
These features enable designers to create high-density systems using existing ASIC or FPGA design
flows and tools.
IGLOO devices offer 1 kbit of on-chip, reprogrammable, nonvolatile FlashROM storage as well as clock
conditioning circuitry based on an integrated phase-locked loop (PLL). The AGL015 and AGL030
devices have no PLL or RAM support. IGLOO devices have up to 1 million system gates, supported with
up to 144 kbits of true dual-port SRAM and up to 300 user I/Os.
M1 IGLOO devices support the high-performance, 32-bit Cortex-M1 processor developed by ARM for
implementation in FPGAs. Cortex-M1 is a soft processor that is fully implemented in the FPGA fabric. It
has a three-stage pipeline that offers a good balance between low power consumption and speed when
implemented in an M1 IGLOO device. The processor runs the ARMv6-M instruction set, has a
configurable nested interrupt controller, and can be implemented with or without the debug block. Cortex-
M1 is available for free from Microsemi for use in M1 IGLOO FPGAs.
The ARM-enabled devices have ordering numbers that begin with M1AGL and do not support AES
decryption.
Flash*Freeze Technology
The IGLOO device offers unique Flash*Freeze technology, allowing the device to enter and exit ultra-low
power Flash*Freeze mode. IGLOO devices do not need additional components to turn off I/Os or clocks
while retaining the design information, SRAM content, and registers. Flash*Freeze technology is
combined with in-system programmability, which enables users to quickly and easily upgrade and update
their designs in the final stages of manufacturing or in the field. The ability of IGLOO V2 devices to
support a wide range of core voltage (1.2 V to 1.5 V) allows further reduction in power consumption, thus
achieving the lowest total system power.
When the IGLOO device enters Flash*Freeze mode, the device automatically shuts off the clocks and
inputs to the FPGA core; when the device exits Flash*Freeze mode, all activity resumes and data is
retained.
The availability of low power modes, combined with reprogrammability, a single-chip and single-voltage
solution, and availability of small-footprint, high pin-count packages, make IGLOO devices the best fit for
portable electronics.


Similar Part No. - AGL400V5-FGG144YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL400V5-FGG484ES MICROSEMI-AGL400V5-FGG484ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-FGG484I MICROSEMI-AGL400V5-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-FGG484PP MICROSEMI-AGL400V5-FGG484PP Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-FGG484YES MICROSEMI-AGL400V5-FGG484YES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL400V5-FGG484YI MICROSEMI-AGL400V5-FGG484YI Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGL400V5-FGG144YES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com