Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE6809U-A Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE6809U-A
Description  3PIN MICROPROCESSOR RESET CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE6809U-A Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  APE6809U-A Datasheet HTML 1Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 2Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 3Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 4Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 5Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 6Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 7Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 8Page - Advanced Power Electronics Corp. APE6809U-A Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Advanced Power
Electronics Corp.
APE6809_6812
TYPICAL PERFORMANCE CHARACTERISTICS
TIMING DIAGRAM
6
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
Temperature Vs Power-Down Reset Delay
Temperature (℃)
VTH=4.63V
VOD=VTH-VCC
VOD=50mV
VOD=200mV
VOD=100mV
Giltch Immunity
3000
900
270
140
90
70
58
50
50
48
48
0
500
1000
1500
2000
2500
3000
3500
0
100
200
300
400
500
600
700
800
900 1000 1100
RESET COMPARATOR OVERDRIVE(mV)


Similar Part No. - APE6809U-A

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
More results

Similar Description - APE6809U-A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com