Electronic Components Datasheet Search |
|
APE6809U-A Datasheet(PDF) 2 Page - Advanced Power Electronics Corp. |
|
APE6809U-A Datasheet(HTML) 2 Page - Advanced Power Electronics Corp. |
2 / 9 page Advanced Power Electronics Corp. APE6809_6812 ABSOLUTE MAXIMUM RATINGS (at T A=25°C) VCC PIN Voltage (VCC) ----------------------------------- GND - 0.3V to GND + 6.5V RESET, RESET(Push-Pull) PIN Voltage (VRESET) -- GND - 0.3V to VCC + 0.3V Input Current, VCC (ICC) ------------------------------------ 20mA Output Current, RESET, RESET (IO) ------------------ 5mA Power Dissipation(PD) ------------------------------------- ( TJ-TA ) / Rthja Storage Temperature Range(TST) ---------------------- -60°C To 150°C Operating Temperature Range(TOP) ------------------- -40°C To 85°C Junction Temperature(TJ) -------------------------------- -40°C To 150°C 110 oC/W 250 oC/W Note. RthJA is measured with the PCB copper area of approximately 1 in 2(Multi-layer). that need connect to GND pin. ELECTRICAL SPECIFICATIONS (VDD=2.75V, TA=25℃, unless otherwise specified) Parameter SYM TEST CONDITION MIN TYP MAX UNITS Operating Vcc Range VRange 1- 6 V Supply Current ICC VCC = VTH+1.0V - 25 35 μA APE6809_6812A 4.54 4.63 4.71 APE6809_6812B 4.29 4.38 4.46 APE6809_6812I 4.16 4.25 4.33 APE6809_6812C 3.92 4 4.08 APE6809_6812D 3.02 3.08 3.15 APE6809_6812E 2.87 2.93 3 APE6809_6812H 2.64 2.7 2.75 APE6809_6812F 2.57 2.63 2.69 APE6809_6812G 2.2 2.25 2.3 Reset Threshold Tempco VTHT TA = 0 oC to +85oC - 50 - ppm/ oC Set-up Time TS VCC = 0 to (VTH – 100mV) 1 - - μs Vcc to Reset Delay TRD Vcc=VTH to (VTH-100mV) - 20 - μs Reset Active Timeout Period TDELAY TA = 0 oC to +85oC 160 200 260 ms 1.8V<VCC < VTH(min), ISINK = 1.2mA Output Voltage 1.2V < VCC < 1.8V, ISINK = 50uA (APE6809/APE6811) VOH VCC > VTH (max), ISOURCE = 500uA, 0.8 VCC -- V RESET VOL VCC > VTH (max), ISINK = 1.2mA, - - 0.3 V Output Voltage 1.8V < VCC < VTH (min), ISOURCE = 500uA (APE6810/APE6812) 1.2V < VCC < 1.8V, ISOURCE = 150uA Hysteresis at VCC VHys Input voltage - 40 - mV - - 0.3 V VOH 0.8 VCC -- 2 Thermal Resistance from Junction to case(RthJC) Thermal Resistance from Junction to Ambient(RthJA) Note VTH V VOL V Reset Threshold TA=25 oC RESET |
Similar Part No. - APE6809U-A |
|
Similar Description - APE6809U-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |