Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJR Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # ECJR
Description  Multilayer Ceramic Capacitors (4 Array Type) Input/Output circuit for computer motherboards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECJR Datasheet(HTML) 2 Page - Panasonic Battery Group

  ECJR Datasheet HTML 1Page - Panasonic Battery Group ECJR Datasheet HTML 2Page - Panasonic Battery Group ECJR Datasheet HTML 3Page - Panasonic Battery Group ECJR Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(4 Array Type)
– EC29 –
Temperature
Characteristic Code
Temperature
Characteristics
Temp. Coeff.
(ppm/°C)
Rate of Capacitance change at each Temp. (%)
–25 °C
85 °C
max.
min.
max.
min.
CCH
0 ± 60
0.49
–0.27
0.39
–0.39
Temperature Characteristics
● Class 1
● Class 2
Temperature
Characteristic Code
Temperature
Characteristics
Capacitance Change
Measurement
Temperature Range
Reference Temperature
B
B±10 %
–25 to 85 °C
20 °C
X7R
±15 %
–55 to 125 °C
25 °C
X5R
±15 %
–55 to 85 °C
25 °C
F
F+30, –80 %
–25 to 85 °C
20 °C
Y5V
+22, –82 %
–30 to 85 °C
25 °C
Rated Voltage
Code
1H
1E
1C
1A
0J
Rated Voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
DC 6.3 V
Nominal Capacitance
Ex.
100
101104
105
Nominal
Capacitance
10 pF
100 pF
100,000 pF
(0.1 µF)
1,000,000 pF
(1.0 µF)
Class
Temperature Characteristics
Tolerance Code
Capacitance Tolerance
1CH
Capacitance range
C=10 pF
F±1 pF
C>10 pF
K
±10 %
2
B, X7R, X5R
M
±20 %
F, Y5V
Z
+80, –20 %
Capacitance tolerance
Specifications and Testing Methods
Item
Specifications
Test Method
Class 1
Class 2
Operating
Temperature
Range
Temp. Char.
CH: –55 to 125 °C
Temp. Char.
B, X7R: –55 to 125 °C
X5R: –55 to 85 °C
F, Y5V: –30 to 85 °C
———
Dielectric
Withstanding
Voltage
No dielectric breakdown and/or damage
Test voltage:
Class 1: Rated voltage
300 %
Class 2: Rated voltage
250 %
Duration: 1 to 5 s
Charge/discharge current: 50 mA max.
Insulation
Resistance (IR)
10000 M
or 500/C (M ) Whichever is less
Note: 100/C (M ) min. for DC 10 V max.
C: Nominal Cap. in µF
Measuring voltage: Rated voltage
Duration: 60±5 s
Charge/discharge current: 50 mA max.
Capacitance
Within the specified tolerance
Measuring temperature: 20±2 °C
Class 1
Measuring frequency1 MHz ± 10 %
Measuring voltage0.5 to 5 Vrms
Class 2
Preconditioning: The capacitors shall be
kept in temperature of 150 +0/–10 ± for 1
hour and subject to standard conditions
for 48±4 hours before initial measurement.
Measuring frequency1 kHz ± 10 %
Measuring voltage1.0±0.2 Vrms
Q Factor or
Dissipation Factor
(tan
δ)
Q:
C < 30 pF: Q
>400+20 C
30 pF
<C<1000 pF:
Q
>1000
C: Nominal Cap. in pF
tan
δ:
Temp. Char.
B, X7R: 0.025 max.
X5R: 0.075 max.
F, Y5V: 0.125 max.
Please see the technical
specifications for details.
✽ Standard condition: Temperature 15 to 35 °C, Relative humidity 45 to 75 %.
For further information, see the technical specifications.
Temperature coefficient: calculated between 20 °C to 85 °C
For applicable “temperature characteristics”, see the lists of standard products on page 31 to 32.
00 Sep. 2008


Similar Part No. - ECJR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJRVB0J105M PANASONIC-ECJRVB0J105M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJRVB0J105M PANASONIC-ECJRVB0J105M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJRVB1C104M PANASONIC-ECJRVB1C104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJRVB1C104M PANASONIC-ECJRVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJRVB1H102M PANASONIC-ECJRVB1H102M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
More results

Similar Description - ECJR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
   Multilayer Ceramic Capacitors (2 Array Type)
logo
EPCOS
B37830 EPCOS-B37830 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com