Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJR Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # ECJR
Description  Multilayer Ceramic Capacitors (4 Array Type) Input/Output circuit for computer motherboards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECJR Datasheet(HTML) 3 Page - Panasonic Battery Group

  ECJR Datasheet HTML 1Page - Panasonic Battery Group ECJR Datasheet HTML 2Page - Panasonic Battery Group ECJR Datasheet HTML 3Page - Panasonic Battery Group ECJR Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(4 Array Type)
– EC30 –
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
Rated voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
BX7R
BX7R
B
X7R
X5R
470
±20 % (M)
ECJTVB1H471M 0.85
1000
ECJTVB1H102M 0.85
2200
ECJTVB1H222M 0.85
4700
ECJTVB1E472M 0.85
10000
ECJTVB1C103M 0.85
47000
ECJTVB1A473M 0.85
100000
ECJTVB1A104M 0.85
● Class 2
◆ Temperature Characteristic Code: B (Temperature Characteristics: B, X7R, X5R)
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CH
10 ±1 pF (F) ECJTVC1H100F 0.85
22
±10 % (K)
ECJTVC1H220K 0.85
47
ECJTVC1H470K 0.85
100
ECJTVC1H101K 0.85
220
ECJTVC1H221K 0.85
Standard Products for EIA “0805”, Taped Version
● Class 1
◆ Temperature Characteristic Code: C (Temperature Characteristics: CH)
Rated voltage
DC 6.3 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
X5R
1.0 ±20 % (M) ECJTVB0J105M 0.85
Standard packaging quantity of Packaging Style Code “V” (T = 0.85 mm): 4,000 pcs./reel
Avoid flow soldering.
Rated voltage
DC 16 V
Capaci-
tance
(µF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
FY5V
0.1 +80, -20 % (Z) ECJTVF1C104Z 0.85
◆ Temperature Characteristics Code: F (Temperature Characteristics: F, Y5V)
00 Sep. 2008


Similar Part No. - ECJR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJRVB0J105M PANASONIC-ECJRVB0J105M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJRVB0J105M PANASONIC-ECJRVB0J105M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJRVB1C104M PANASONIC-ECJRVB1C104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJRVB1C104M PANASONIC-ECJRVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJRVB1H102M PANASONIC-ECJRVB1H102M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
More results

Similar Description - ECJR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
   Multilayer Ceramic Capacitors (2 Array Type)
logo
EPCOS
B37830 EPCOS-B37830 Datasheet
110Kb / 9P
   Multilayer Ceramic Capacitors Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com