Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-010263-TR1000 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010263-TR1000
Description  Broadband CATV 6-Way Active Splitter with default loop-through Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010263-TR1000 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010263-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010263-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010263-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010263-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010263-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-010263-TR1000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-010263-TR1000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-010263-TR1000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Broadband CATV 6-Way Active Splitter with default loop-through Switch
50 - 1100 MHz
Rev. V1
MAAM-010263
7
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Out to Out Isolation to 1 GHz (power on)
Out to Out Isolation to 3 GHz (power on)
Out to Out Isolation to 1 GHz (power off)
Out to Out Isolation to 3 GHz (power off)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.2
0.4
0.6
0.8
1.0
Frequency (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.2
0.4
0.6
0.8
1.0
Frequency (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Out1-Out2
Out1-Out3
Out1-Out4
Out1-Out5
Out1-Out6
Out2-Out3
Out2-Out4
Out2-Out5
Out2-Out6
Out3-Out4
Out3-Out5
Out3-Out6
Out4-Out5
Out4-Out6
Out5-Out6


Similar Part No. - MAAM-010263-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010263-TR1000 MA-COM-MAAM-010263-TR1000 Datasheet
1Mb / 9P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
More results

Similar Description - MAAM-010263-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010263 MA-COM-MAAM-010263 Datasheet
350Kb / 8P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-010263 MA-COM-MAAM-010263_15 Datasheet
1Mb / 9P
   Broadband CATV 6-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_13 Datasheet
2Mb / 8P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-009778 MA-COM-MAAM-009778 Datasheet
524Kb / 8P
   Broadband CATV 4-Way Active Splitter with Default Loop-Through Switch
MAAM-009779 MA-COM-MAAM-009779_15 Datasheet
1Mb / 9P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
MAAM-010237-V1 MA-COM-MAAM-010237-V1 Datasheet
666Kb / 8P
   Broadband CATV 8-Way Active Splitter with default loop-through Switch
MAAM-009450 MA-COM-MAAM-009450_17 Datasheet
1Mb / 9P
   Broadband CATV 3-Way Active Splitter with default loop-through Switch
MAAM-010237 MA-COM-MAAM-010237_15 Datasheet
1Mb / 9P
   Broadband CATV 8-Way Active Splitter with default loop-through Switch
MAAM-009779 MA-COM-MAAM-009779 Datasheet
619Kb / 8P
   Broadband CATV 5-Way Active Splitter with default loop-through Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com