Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE2902Y5-31 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE2902Y5-31
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE2902Y5-31 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE2902Y5-31 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE2902Y5-31 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE2902Y5-31 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE2902Y5-31 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE2902Y5-31 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE2902Y5-31 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE2902Y5-31 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE2902Y5-31 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Advanced Power
Electronics Corp.
APE2902
ABSOLUTE MAXIMUM RATINGS (T
A= 25
o
C)
VIN Supply Voltage(VIN) …………………………… 5.5 V
SW Voltage(VSW) …………………………………… 5.5 V
OUT Voltage(VOUT) ………………………………… 5.5 V
EN Pin Voltage(VEN) ………………………………… 5.5 V
Power Dissipation(PD) ……………………………… ( TJ-TA ) / Rthja W
Storage Temperature Range(TST) ………………… -40°C To 150°C
Operating Junction Temperature Range(TOP) …… -20°C To + 100°C
Thermal Resistance from Junction to Case(RthJC)
110°C/W
250°C/W
Note : Rth JA is measured with the PCB copper area of approximately 1 in2(Multi-layer).
PACKAGE INFORMATION
ELECTRICAL SPECIFICATIONS
( VIN=1.8V, IOUT=10mA, TA=25 oC, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Voltage Accuracy
VOUT
-5
-
5
%
Start-up Voltage(VIN-VF)(Note 1)
VSTART-UP
IOUT=1mA, VIN =rising from 0 to 2V
-
0.8
1.2
V
Hold-on Voltage
VHOLD
IOUT=1mA, VIN =falling from 2 to 0V
0.6
-
-
V
Supply Current
ISUPPLY
No Load
-
22
-
uA
Shutdown Current
ISD
VEN=0V
-
-
1
uA
Internal Switch RDSON
RSW(DSON)
ISW=150mA
-
850
-
mΩ
Internal Leakage Current
ISW(leak)
VSW=4V, Forced VOUT=3.8V
-
-
0.5
uA
Maximum Oscillator Frequency
FOSC
-
150
-
KHz
Oscillator Duty On
DON
To be measured on SW pin
-
77
-
%
VENH
Driver ON
0.75
-
-
VENL
Driver OFF
-
-
0.2
IENH
VEN=VIN
-
-
0.1
IENL
VEN=0V
-
-
-0.1
Vout=2.5V~3.0V, IOUT=50mA
-
82
-
%
Vout=3.1V~4.0V, IOUT=50mA
-
83
-
%
Vout=4.1V~5.0V, IOUT=50mA
-
87
-
%
Note 1: The minimum input voltage for the IC start-up is strictly a function of the VF catch diode.
2
Thermal Resistance from Junction to Ambient(RthJA)
EFFICIENCY
η
Enable Input Threshold
Enable Input Current
V
uA
SW
GND
EN VOUT NC
Top View
1
23
4
5
AP2902Y5R
SOT-23-5L
EN
NC
SW GND VOUT
Top View
AP2902Y5
1
23
4
5
SOT-23-5L


Similar Part No. - APE2902Y5-31

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-22 A-POWER-APE2901G-22 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-25 A-POWER-APE2901G-25 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-26 A-POWER-APE2901G-26 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-27 A-POWER-APE2901G-27 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results

Similar Description - APE2902Y5-31

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com