Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010704 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010704
Description  Low Noise Amplifier Adjustable Current with an External Resistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010704 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-010704 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAL-010704 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
10
Low Noise Amplifier
0.1-3.5 GHz
MAAL-010704
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Typical Performance: 3 V, 60 mA
Component Values
Evaluation Board Schematic @ 100 MHz
Ref Designator
Description
C1, C4
1 nF 0402 Capacitor
C5
10 nF 0402 Capacitor
C9
100 uF Tantalum
Capacitor Size C
L2
150 nH 0603 Inductor
L4
68 nH 0402 Inductor
R1
Refer to Rbias Vs Idd plot
C2, C3, C6, C7, C8, L1, L3
DNP
Parameter
Units
TYP
Frequency
GHz
0.1
Gain
dB
25.5
Output IP3
14
dBm
31.5
Output P1dB
dBm
17.5
Input Return Loss
dB
-11.0
Output Return Loss
dB
-11.0
Noise Figure
dB
1.85
RF IN
RF OUT
Vcc
R1
C4
C1
C5
L2
C9
L4
14. Pout = 5 dBm, Tone Spacing = 1 MHz
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-20
-15
-10
-5
0
5
10
15
20
25
30
S21
S11
S22
S-Parameters using 100 MHz evaluation board


Similar Part No. - MAAL-010704

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier
MAAL-010704-000000 MA-COM-MAAL-010704-000000 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
MAAL-010704-001SMB MA-COM-MAAL-010704-001SMB Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
MAAL-010704-TR3000 MA-COM-MAAL-010704-TR3000 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
More results

Similar Description - MAAL-010704

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
logo
Broadcom Corporation.
DEMO-MGA-685T6 BOARDCOM-DEMO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-685T6 BOARDCOM-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
MGA-62563 HP-MGA-62563 Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-68563 AVAGO-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
Broadcom Corporation.
MGA-68563 BOARDCOM-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-685T6 AVAGO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
logo
AVAGO TECHNOLOGIES LIMI...
MGA-6X563 AVAGO-MGA-6X563 Datasheet
86Kb / 1P
   Current Adjustable Low Noise Amplifier in SOT-363 Package
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
   Tunable illumination sensitivity by an external resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com