Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010704-000000 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010704-000000
Description  Low Noise Amplifier Adjustable Current with an External Resistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010704-000000 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-010704-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MAAL-010704-000000 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
11
Low Noise Amplifier
0.1-3.5 GHz
MAAL-010704
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Typical Performance: 3 V, 60 mA
Component Values
Evaluation Board Schematic @ 200 MHz
RF IN
RF OUT
Vcc
R1
C4
C1
C5
L2
C9
L4
Ref Designator
Description
C1, C4
1 nF 0402 Capacitor
C5
10 nF 0402 Capacitor
C9
100 uF Tantalum
Capacitor Size C
L2
150 nH 0603 Inductor
L4
24 nH 0402 Inductor
R1
Refer to Rbias Vs Idd plot
C2, C3, C6, C7, C8, L1, L3
DNP
15. Pout = 5 dBm, Tone Spacing = 1 MHz
Parameter
Units
TYP
Frequency
GHz
0.2
Gain
dB
23.0
Output IP3
15
dBm
33.5
Output P1dB
dBm
18.4
Input Return Loss
dB
-20.0
Output Return Loss
dB
-14.0
Noise Figure
dB
1.1
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-30
-25
-20
-15
-10
-5
0
5
10
15
20
S21
S11
S22
S-Parameters using 200 MHz evaluation board


Similar Part No. - MAAL-010704-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704-000000 MA-COM-MAAL-010704-000000 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
More results

Similar Description - MAAL-010704-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704_15 Datasheet
1Mb / 15P
   Adjustable Current with an External Resistor
logo
Broadcom Corporation.
DEMO-MGA-685T6 BOARDCOM-DEMO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-685T6 BOARDCOM-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
MGA-62563 HP-MGA-62563 Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-68563 AVAGO-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
Broadcom Corporation.
MGA-68563 BOARDCOM-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-685T6 AVAGO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
logo
AVAGO TECHNOLOGIES LIMI...
MGA-6X563 AVAGO-MGA-6X563 Datasheet
86Kb / 1P
   Current Adjustable Low Noise Amplifier in SOT-363 Package
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
   Tunable illumination sensitivity by an external resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com