Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010705 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010705
Description  Excellent Input Return Loss Integrated Active Bias Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010705 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010705 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010705 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Low Noise Amplifier
0.5-1.6 GHz
MAAL-010705
Rev. V2
8
8
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
8
Evaluation Board
Schematic
VBIAS and VD are separate connections on the
evaluation board to give the option of varying Id
without changing R4.
They can be connected
together to a single voltage supply during the
measurement
and
in
the
final
layout
implementation of the PCB. If two different voltage
supplies are used then apply VD first and then VBIAS
to turn on the LNA. To turn off the LNA disconnect
VBIAS first and then VD. R3 is varied to obtain differ-
ent levels of gain. R4 is varied to change the drain
current Id.
Off-Chip Component Values
Component
Value
Package
C1
3.3 pF
0402
C7, C8, C10
1000 pF
0402
C12, C13
100 pF
0402
C14
100 µF
Tantalum, Size D
L1
9 nH
0402
L2
15 nH
0402
R3
150 Ω
0402
R4
240 Ω
0402
Optional schematic illustrates alternate grounding
choice for C13 through pin 5. Pin 5 is grounded
internally in the package. Electrical performance of
both layout methods is identical.
Optional Schematic
The above thru line can be provided to
de-embed the losses of the evaluation board.


Similar Part No. - MAAL-010705

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010705 MA-COM-MAAL-010705 Datasheet
634Kb / 9P
   Low Noise Amplifier
MAAL-010705-001SMB MA-COM-MAAL-010705-001SMB Datasheet
1Mb / 10P
   Low Noise Amplifier
MAAL-010705-TR3000 MA-COM-MAAL-010705-TR3000 Datasheet
1Mb / 10P
   Low Noise Amplifier
MAAL-010705 MA-COM-MAAL-010705_15 Datasheet
1Mb / 10P
   Low Noise Amplifier
More results

Similar Description - MAAL-010705

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL06SMT2 RFMD-SGL06SMT2 Datasheet
1Mb / 5P
   Integrated Active Bias Circuit
logo
M/A-COM Technology Solu...
MAAP-011060 MA-COM-MAAP-011060 Datasheet
716Kb / 4P
   Integrated Active Bias Circuit
MAFL-011054 MA-COM-MAFL-011054 Datasheet
615Kb / 4P
   Excellent Return loss
logo
CTS Corporation
KFF6516A CTS-KFF6516A Datasheet
77Kb / 2P
   Excellent Return Loss
KFF6106A CTS-KFF6106A Datasheet
127Kb / 2P
   Excellent Return Loss
logo
Laird Tech Smart Techno...
WPC39S0B-001 LSTD-WPC39S0B-001 Datasheet
855Kb / 2P
   Excellent return loss
logo
M/A-COM Technology Solu...
MAFL-011060 MA-COM-MAFL-011060 Datasheet
281Kb / 6P
   Excellent Return loss
MAAL-010706 MA-COM-MAAL-010706 Datasheet
559Kb / 9P
   Low Noise Figure Excellent Input Return Loss
logo
E&E Magnetic Products L...
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
logo
Pasternack Enterprises,...
PE3CA1031-60CM PASTERNACK-PE3CA1031-60CM Datasheet
482Kb / 6P
   Excellent Return loss Greater than 28 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com