Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010706-001SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010706-001SMB
Description  Low Noise Figure Excellent Input Return Loss
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010706-001SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010706-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010706-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low Noise Amplifier
1.4-4.0 GHz
MAAL-010706
Rev. V3
4
4
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
4
Typical Performance Curves: 4 V (over R3)
Noise Figure & Fmin
Gain
P1dB
OIP3
34
35
36
30
31
32
33
34
300
10K
56
30
1.75
1.8
1.85
1.9
1.95
2
2.05
2.1
19
19.5
20
16
16.5
17
17.5
18
18.5
19
R3( )=56
R3( )=300
R3( )=10000
1.75
1.8
1.85
1.9
1.95
2
2.05
2.1
17
18
19
20
21
22
10
11
12
13
14
15
16
17
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
R3( )=56
R3( )=300
R3( )=10000
0.6
0.7
0.8
0.9
0
0.1
0.2
0.3
0.4
0.5
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
R3( )=56
R3( )=300
R3( )=10000


Similar Part No. - MAAL-010706-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010706-001SMB MA-COM-MAAL-010706-001SMB Datasheet
1Mb / 10P
   Low Noise Amplifier
More results

Similar Description - MAAL-010706-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011054 MA-COM-MAFL-011054 Datasheet
615Kb / 4P
   Excellent Return loss
logo
CTS Corporation
KFF6516A CTS-KFF6516A Datasheet
77Kb / 2P
   Excellent Return Loss
KFF6106A CTS-KFF6106A Datasheet
127Kb / 2P
   Excellent Return Loss
logo
Laird Tech Smart Techno...
WPC39S0B-001 LSTD-WPC39S0B-001 Datasheet
855Kb / 2P
   Excellent return loss
logo
M/A-COM Technology Solu...
MAFL-011060 MA-COM-MAFL-011060 Datasheet
281Kb / 6P
   Excellent Return loss
MADL-011008 MA-COM-MADL-011008 Datasheet
109Kb / 4P
   Low Insertion Loss and Noise Figure
MAAL-010705 MA-COM-MAAL-010705 Datasheet
634Kb / 9P
   Excellent Input Return Loss Integrated Active Bias Circuit
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com