Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU2224KCV Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ECWU2224KCV
Description  Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECWU2224KCV Datasheet(HTML) 1 Page - Panasonic Battery Group

  ECWU2224KCV Datasheet HTML 1Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 2Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 3Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 4Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 5Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 6Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 7Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 8Page - Panasonic Battery Group ECWU2224KCV Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Film Chip Capacitor
Type:
ECWU(C)
Stacked metallized PEN film as dielectric with simple
mold - less construction
123456789
10
11
12
E
C
W
U
Product code
Dielectric
&
construction
Rated voltage
Nominal capacitance
C
Cap. Tol. Suffix
Suffix
IFeatures
Small in size
Applicable for reflow soldering
IRecommended Applications
Coupling
By - pass
General purpose
IExplanation of Part Numbers
ISpecifications
J
±5%
K ±10%
1C
1H
1
2
16VDC
50VDC
100VDC
250VDC
9
12mm
V
16mm
Z
24mm
Tape width
Capacitance tolerance
Capacitance range
Withstand voltage
Category temp.range
Between terminals
16VDC, 50VDC:Rated volt. (VDC)
x175% 1 to 5s
100VDC, 250VDC:Rated volt. (VDC)
x150% 60s
Soldering conditions
100VDC, 250VDC: - 40 to + 85
:
0.12 to 0.47 µF (E12)
0.056 to 0.22 µF (E12)
0.012 to 1.0 µF (E12)
0.001 to 1.0 µF (E12)
Insulation resistance
Dissipation factor
Reflow soldering
16VDC, 50VDC:240
: max. and 30 sec max. at more than 210˚C (Temp. at cap. surface)
100VDC, 250VDC:230
: max. and 30 sec max.at more than 210˚C (Temp.at cap.surface)
<
= 1.0%(20:,1kHz)
C>0.33 µF
C<
= 0.33 µF
16VDC:>
= 3000M
Ω • (20:,10VDC, 60s)
50VDC:>
= 3000M
Ω • (20:,50VDC, 60s)
100VDC, 250VDC:>
= 3000M
Ω • (20:,100VDC,60s)
16VDC:1000M
Ω • µF min. (20:,10VDC, 60s)
100VDC, 250VDC:1000M
Ω • µF min. (20:,100VDC,60s)
16VDC, 50VDC: - 55 to + 105
:
16VDC,50VDC
100VDC,250VDC
16VDC
50VDC
100VDC
250VDC
± 5%(J)
± 10%(K) (100VDC, C<
=0.15 µF ± 5%(J), ± 10%(K))
Rated voltage
16VDC, 50VDC, 100VDC, 250VDC
Film Chip Capacitor


Similar Part No. - ECWU2224KCV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU2222C9 PANASONIC-ECWU2222C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2222C9 PANASONIC-ECWU2222C9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2222C9 PANASONIC-ECWU2222C9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
ECWU2222JC9 PANASONIC-ECWU2222JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2222KC9 PANASONIC-ECWU2222KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU2224KCV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H102GB5 PANASONIC-ECH-U1H102GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C153JB5 PANASONIC-ECH-U1C153JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H223GB5 PANASONIC-ECH-U1H223GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C683GB5 PANASONIC-ECH-U1C683GB5 Datasheet
89Kb / 3P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C103JB5 PANASONIC-ECH-U1C103JB5 Datasheet
63Kb / 2P
   Stacked matallized PPS film as dielectric with simple mold less construction
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com