Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE2902Y5-40 Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE2902Y5-40
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE2902Y5-40 Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE2902Y5-40 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE2902Y5-40 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE2902Y5-40 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE2902Y5-40 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE2902Y5-40 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE2902Y5-40 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE2902Y5-40 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE2902Y5-40 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Power
Electronics Corp.
APE2902
TYPICAL PERFORMANCE CHARACTERISTICS
5
TA=25℃ , Input Voltage vs. Output Voltage
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Output Current (m A)
IOUT=50mA, Output Voltage vs. Temperature
2.80
2.85
2.90
2.95
3.00
3.05
Temperature (℃ )
VIN=1.8V, Output Voltage vs. Temperature
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
3.10
Temperature (℃ )
Start-up Voltage vs. Output Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Output Current (mA)
IOUT=1mA, Start-up Voltage vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Temperature (℃)
IOUT=1mA, Hold-On Voltage vs. Temperature
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
Temperature (℃ )
IOUT=250mA
IOUT=50mA
IOUT=0mA
IOUT=100mA
IOUT=150mA
IOUT=200mA
VIN=2.4V
VIN=1.8V
VIN=1.2V
VIN=0.9V
VIN=1.2V
VIN=1.5
VIN=1.8V
VIN=2.4V


Similar Part No. - APE2902Y5-40

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-22 A-POWER-APE2901G-22 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-25 A-POWER-APE2901G-25 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-26 A-POWER-APE2901G-26 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-27 A-POWER-APE2901G-27 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results

Similar Description - APE2902Y5-40

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com