Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-000523-TR3000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-000523-TR3000
Description  Integrated CMOS/TTL Compatible Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-000523-TR3000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-000523-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-000523-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-000523-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-000523-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-000523-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-000523-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-000523-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Digital Attenuator, 6-Bit, Serial / Parallel Control
31.5 dB, 0.7 - 6.0 GHz
Rev. V2
MAAD-000523
5
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Functionality
Modes of Operation: Serial, Direct Parallel, and Latched Parallel
Mode Truth Table
P/S
LE
Mode
1
X
Serial
0
Constant High
Direct Parallel
0
Pulsed
Latched Parallel
Serial Mode
Direct Parallel Mode
Latched Parallel Mode
The serial control interface (SERIN, CLK, LE, SEROUT) is compatible with the SPI protocol. SPI mode is
activated when P/S is kept high. The 6-bit serial word must be loaded with the MSB first. After shifting in the 6 bit
word, bringing LE high will set the attenuator to the desired state. While LE is high the CLK is masked to protect
the data while implementing the change. SEROUT is the SERIN delayed by 6 clock cycles.
When P/S is low, the serial control interface is disabled and the serial input register is loaded asynchronously with
parallel digital inputs.
For all modes of operations, the outputs will stay constant while LE is kept low.
The parallel mode is enabled when P/S is set to low. In the direct parallel mode, the attenuator is controlled by the
parallel control inputs directly. The LE must be at logic high to control the attenuator in this mode.
In the latched parallel mode, the parallel control inputs will be buffered by registers, and loaded to the outputs
when LE is high. The outputs shall not change states when LE is low.
Power-up States
The power-up (PUP) states will work in both serial and parallel modes, and initiate the attenuator according to the
PUP truth table. During power up, the digital inputs shall be held constant for at least 1 μs after VCC reaches 90%
of final value. For serial mode, the PUP states will only work when LE is held low. The PUP state shall be locked
out after the first LE pulse.


Similar Part No. - MAAD-000523-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-000523-TR3000 MA-COM-MAAD-000523-TR3000 Datasheet
757Kb / 8P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
More results

Similar Description - MAAD-000523-TR3000

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
   CMOS (TTL Compatible)
HA-460 NEL-HA-460 Datasheet
61Kb / 2P
   CMOS (TTL Compatible)
HS-460 NEL-HS-460_10 Datasheet
58Kb / 2P
   CMOS (TTL Compatible)
logo
IXYS Corporation
CPC1966YX6 IXYS-CPC1966YX6 Datasheet
116Kb / 6P
   TTL and CMOS Compatible
CPC1965Y IXYS-CPC1965Y Datasheet
100Kb / 6P
   TTL and CMOS Compatible
CPC1976YX6 IXYS-CPC1976YX6 Datasheet
116Kb / 6P
   TTL and CMOS Compatible
CPC1964Y IXYS-CPC1964Y Datasheet
119Kb / 6P
   TTL and CMOS Compatible
CPC1965G IXYS-CPC1965G Datasheet
102Kb / 6P
   TTL and CMOS Compatible
logo
Shanghai Leiditech Elec...
LM232SA LEIDITECH-LM232SA Datasheet
3Mb / 10P
   Driver input is compatible with TTL/CMOS logic level
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com