Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAOC-009871 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009871
Description  Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009871 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009871 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009871 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009871 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009871 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009871 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAOC-009871 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Voltage Controlled Oscillator
9.2 - 10.2 GHz
MAOC-009871
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Typical Performance Curves: VCC = VBUFFER = 5V, TA = +25C (unless otherwise indicated)
Output Frequency vs. Tuning Voltage - RF Port
Output Frequency vs. Tuning Voltage - RF/2 Port
Output Frequency vs. Tuning / Supply Voltage - RF Port
Output Frequency vs. Tuning / Supply Voltage - RF/2 Port
Output Power vs. Tuning Voltage - RF Port
Output Power vs. Tuning Voltage - RF/2 Port
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
01
23
45
67
89
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
4.75 V
5.00 V
5.25 V
Tuning Voltage (V)
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
4.75 V
5.00 V
5.25 V
Tuning Voltage (V)
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)
0
2
4
6
8
10
12
14
01
23
45
67
89
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)


Similar Part No. - MAOC-009871

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009871 MA-COM-MAOC-009871 Datasheet
263Kb / 6P
   Voltage Controlled Oscillator
MAOC-009871-001SMB MA-COM-MAOC-009871-001SMB Datasheet
870Kb / 6P
   Voltage Controlled Oscillator
MAOC-009871-TR0500 MA-COM-MAOC-009871-TR0500 Datasheet
870Kb / 6P
   Voltage Controlled Oscillator
MAOC-009871-TR1000 MA-COM-MAOC-009871-TR1000 Datasheet
870Kb / 6P
   Voltage Controlled Oscillator
MAOC-009871 MA-COM-MAOC-009871_13 Datasheet
870Kb / 6P
   Voltage Controlled Oscillator
More results

Similar Description - MAOC-009871

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009266-PKG003 MA-COM-MAOC-009266-PKG003 Datasheet
149Kb / 5P
   Voltage Controlled Oscillator 10.2 - 11.3 GHz
logo
Transcom, Inc.
TC1073 TRANSCOM-TC1073 Datasheet
73Kb / 3P
   9.2 - 10.2 GHz 26 dBm MMIC
TC1076 TRANSCOM-TC1076 Datasheet
100Kb / 3P
   9.2 - 10.2 GHz 39 dBm MMIC
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
logo
Analog Devices
HMC859LC3 AD-HMC859LC3 Datasheet
429Kb / 8P
   26 GHz, DIVIDE-BY-8 WITH RESET & PROGRAMMABLE OUTPUT VOLTAGE
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
   DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
   28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
logo
Transko Electronics, In...
TVCO-A TRANSKO-TVCO-A Datasheet
270Kb / 1P
   SMD VOLTAGE CONTROLLED OSCILLATOR (10.2 X 7.2 X 2.8MM)
logo
Nippon Precision Circui...
CF5029A NPC-CF5029A Datasheet
79Kb / 7P
   Divide-by-512 Frequency Output, Crystal Oscillator Module IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com