Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAOC-010334-TR1000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-010334-TR1000
Description  Voltage Controlled Oscillator 8.4 - 9.25 GHz Wide Tuning Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-010334-TR1000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAOC-010334-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-010334-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-010334-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-010334-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-010334-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Voltage Controlled Oscillator
8.4 - 9.25 GHz
MAOC-010334
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Sample Board
Component
Value
Case Size
C1
100 pF
0402
C2, C3, C4
0.1 µF
0402
C5
10 µF Tantalum
1206
Parts List
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Lead-Free
5 mm 32-Lead PQFN


Similar Part No. - MAOC-010334-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-010334-TR1000 MA-COM-MAOC-010334-TR1000 Datasheet
848Kb / 5P
   Voltage Controlled Oscillator
More results

Similar Description - MAOC-010334-TR1000

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
XVCO55BE-0400-0800 XTALTQ-XVCO55BE-0400-0800 Datasheet
426Kb / 3P
   Wide Tuning Range
logo
RF Micro Devices
UMV-1250-R16-G RFMD-UMV-1250-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1650-R16-G RFMD-UMV-1650-R16-G Datasheet
260Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-1450-R16-G RFMD-UMV-1450-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-2050-R16-G RFMD-UMV-2050-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-2250-R16-G RFMD-UMV-2250-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-2650-R16-G RFMD-UMV-2650-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-3750-R16-G RFMD-UMV-3750-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-3250-R16-G RFMD-UMV-3250-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
UMV-3950-R16-G RFMD-UMV-3950-R16-G Datasheet
261Kb / 3P
   ULTRA-LINEAR TUNING VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com