Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE2902Y5R-45 Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part # APE2902Y5R-45
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE2902Y5R-45 Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

  APE2902Y5R-45 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE2902Y5R-45 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE2902Y5R-45 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE2902Y5R-45 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE2902Y5R-45 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE2902Y5R-45 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE2902Y5R-45 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE2902Y5R-45 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Outline : SOT-23-5L
Millimeters
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
---
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.50
1.60
1.80
e
---
1.90(TYP)
---
H
2.60
2.80
3.00
L
0.37
---
---
θ11°
e2
---
0.95(TYP)
---
Note 1:Package Body Sizes Exclude Mold Flash Protrusions or Gate Burrs.
Note 2:Tolerance ± 0.1000 mm(4mil) Unless Otherwise Spe- cified.
Note 3:Coplanarity:0.1000 mm
Note 4:Dimension L Is Measured in Gage plane.
Part Marking Information & Packing : SOT-23 -5L
ADVANCED POWER ELECTRONICS CORP.
SYMBOLS
t&XSS
Part Number : t&X (Identification Code)
Date Code
8
Part Number
Identificatio
n Code
Part Number
Identificatio
n Code
APE2902Y5/Y5R-2.2V
tO/tO1
APE2902Y5/Y5R-3.8V
tn/tn1
APE2902Y5/Y5R-2.5V
ta/ta1
APE2902Y5/Y5R-3.9V
to/to1
APE2902Y5/Y5R-2.6V
tb/tb1
APE2902Y5/Y5R-4.0V
tp/tp1
APE2902Y5/Y5R-2.7V
tc/tc1
APE2902Y5/Y5R-4.1V
tq/tq1
APE2902Y5/Y5R-2.8V
td/td1
APE2902Y5/Y5R-4.2V
tr/tr1
APE2902Y5/Y5R-2.9V
te/te1
APE2902Y5/Y5R-4.3V
ts/ts1
APE2902Y5/Y5R-3.0V
tf/tf1
APE2902Y5/Y5R-4.4V
tt/tt1
APE2902Y5/Y5R-3.1V
tg/tg1
APE2902Y5/Y5R-4.5V
tu/tu1
APE2902Y5/Y5R-3.2V
th/th1
APE2902Y5/Y5R-4.6V
tv/tv1
APE2902Y5/Y5R-3.3V
ti/ti1
APE2902Y5/Y5R-4.7V
tw/tw1
APE2902Y5/Y5R-3.4V
tj/tj1
APE2902Y5/Y5R-4.8V
tx/tx1
APE2902Y5/Y5R-3.5V
tk/tk1
APE2902Y5/Y5R-4.9V
ty/ty1
APE2902Y5/Y5R-3.6V
tl/tl1
APE2902Y5/Y5R-5.0V
tz/tz1
APE2902Y5/Y5R-3.7V
tm/tm1


Similar Part No. - APE2902Y5R-45

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-22 A-POWER-APE2901G-22 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-25 A-POWER-APE2901G-25 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-26 A-POWER-APE2901G-26 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-27 A-POWER-APE2901G-27 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results

Similar Description - APE2902Y5R-45

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com