Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE2902Y5R-48 Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE2902Y5R-48
Description  MICROPOWER VFM STEP-UP DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE2902Y5R-48 Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE2902Y5R-48 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE2902Y5R-48 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE2902Y5R-48 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE2902Y5R-48 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE2902Y5R-48 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE2902Y5R-48 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE2902Y5R-48 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE2902Y5R-48 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Power
Electronics Corp.
APE2902
APPLICATION INFORMATION
Input/Output Capacitor Selection
Inductor Selection
Diode Selection
PCB layout guide
4
The Output Ripple Voltage, as well as the Efficiency, is strictly related to the behavior
of these elements. The output ripple voltage is the product of the peak inductor current
and the output capacitor Equivalent Series Resistance (ESR). Best performances are
obtained with good high frequency characteristics capacitors and low ESR. The best
compromise for the value of the Output Capacitance is 47µF Tantalum Capacitor; Lower
values may cause higher Output Ripple Voltage and lower Efficiency without
compromising the functionality of the device.
An Input Capacitor is required to compensate, if present, the series impedance
between the Supply Voltage Source and the Input Voltage of the Application.
A 47µH inductor is recommended for most APE2902 applications. However, the
inductance value is not critical, and the APE2902 will work with inductors in the 33µH to
120µH.
Schottky diodes with higher current ratings usually have lower forward voltage drop,
larger diode capacitance and fast reverse recovery, it is the ideal choices for APE2902
applications. The forward voltage drop of a Schottky diode represents the conduction
losses in the system, while the diode capacitance (CT or CD) represents the switching
losses. For diode selection, both forward voltage drop and diode capacitance need to be
considered.
When laying out the PC board, the following suggestions should be taken to ensure
proper operation of the APE2902. These items are also illustrated graphically in below.
1. The power traces, including the GND trace, the SW trace and the VIN trace should be
kept short, direct and wide to allow large current flow. Put enough multiply-layer pads
when they need to change the trace layer.
2. Do not trace signal line under inductor.


Similar Part No. - APE2902Y5R-48

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-22 A-POWER-APE2901G-22 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-25 A-POWER-APE2901G-25 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-26 A-POWER-APE2901G-26 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2901G-27 A-POWER-APE2901G-27 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
More results

Similar Description - APE2902Y5R-48

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com