Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUO22-16N Datasheet(PDF) 5 Page - IXYS Corporation

Part # FUO22-16N
Description  3~ Rectifier Bridge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FUO22-16N Datasheet(HTML) 5 Page - IXYS Corporation

  FUO22-16N Datasheet HTML 1Page - IXYS Corporation FUO22-16N Datasheet HTML 2Page - IXYS Corporation FUO22-16N Datasheet HTML 3Page - IXYS Corporation FUO22-16N Datasheet HTML 4Page - IXYS Corporation FUO22-16N Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FUO22-16N
0.5
1.0
1.5
2.0
0
10
20
30
0
1
1
0
20
40
60
80
100
120
1
10
100
1000
10000
0
1
2
3
050
100
150
05
10
0
4
8
12
16
20
0
50
100
150
200
0
10
20
30
T
VJ = 25°C
T
VJ = 45°C
0.001
0.01
0.1
1
60
70
80
90
100
110
120
130
T
VJ = 45°C
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1 1.359
0.1015
2 0.3286
0.1026
3 0.4651
0.4919
4 0.8473
0.62
I
F
[A]
V
F [V]
I
FSM
[A]
t[s]
I
2t
[A
2s]
[ms]
P
tot
[W]
I
F(AV)M [A]
T
amb [°C]
I
F(AV)M
[A]
T
C [°C]
Z
thJC
[K/W]
Fig. 1 Forward current versus
voltage drop per diode
Fig. 2 Surge overload current
Fig. 3 I
2t versus time per diode
Fig. 4 Power dissipation vs. direct output current & ambient temperature
Fig. 5 Max. forward current vs.
case temperature
Fig. 6 Transient thermal impedance junction to case
t[ms]
T
VJ = 125°C
150°C
DC =
1
0.5
0.4
0.33
0.17
0.08
R
thKA K/W
0.6
0.8
1
2
4
8
DC =
1
0.5
0.4
0.33
0.17
0.08
T
VJ = 150°C
T
VJ =150°C
50 Hz, 80% V
RRM
Rectifier
IXYS reserves the right to change limits, conditions and dimensions.
20130215b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - FUO22-16N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FUO22-12N IXYS-FUO22-12N Datasheet
32Kb / 2P
   Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
More results

Similar Description - FUO22-16N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO192-16NO7 IXYS-VUO192-16NO7 Datasheet
161Kb / 5P
   3~ Rectifier Bridge
VUO98-14NO7 IXYS-VUO98-14NO7 Datasheet
144Kb / 5P
   3~ Rectifier Bridge
VUO36-08NO8 IXYS-VUO36-08NO8 Datasheet
142Kb / 5P
   3~ Rectifier Bridge
VUO52-14NO1 IXYS-VUO52-14NO1 Datasheet
298Kb / 5P
   3~ Rectifier Bridge
VUO64-16NO7 IXYS-VUO64-16NO7 Datasheet
169Kb / 5P
   3~ Rectifier Bridge
VUO84-16NO7 IXYS-VUO84-16NO7 Datasheet
171Kb / 5P
   3~ Rectifier Bridge
VUO98-08NO7 IXYS-VUO98-08NO7 Datasheet
144Kb / 5P
   3~ Rectifier Bridge
DMA40U1800GU IXYS-DMA40U1800GU Datasheet
204Kb / 5P
   Standard Rectifier(3~ Rectifier Bridge)
FUO50-16N IXYS-FUO50-16N Datasheet
144Kb / 5P
   Standard Rectifier 3~ Rectifier Bridge
logo
Semikron International
SK20DGD065ET SEMIKRON-SK20DGD065ET Datasheet
618Kb / 4P
   3-phase bridge rectifier 3-phase bridge inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com