Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE6812U-I Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE6812U-I
Description  3PIN MICROPROCESSOR RESET CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE6812U-I Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE6812U-I Datasheet HTML 1Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 2Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 3Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 4Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 5Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 6Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 7Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 8Page - Advanced Power Electronics Corp. APE6812U-I Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Power
Electronics Corp.
APE6809_6812
APPLICATION INFORMATION
Ensuring a Valid Reset Output Down to VCC = 0
Ensuring a Valid Reset Output Down to VCC = 0
4
RESET is guaranteed to be a logic low for VCC > 1.0V. Once VCC exceeds the
reset threshold, an internal timer keeps RESET low for the reset timeout period; after
this interval, RESET goes high. If a brownout condition occurs (VCC dips below the
reset threshold), RESET goes low. Any time VCC goes below the reset threshold, the
internal timer resets to zero, and RESET goes low. The internal timer starts after VCC
returns above the reset threshold, and RESET remains low for the reset timeout
period.
When VCC falls below 1.0V, the APE6809/APE6811 RESET output no longer sinks
current—it becomes an open circuit. Therefore, high-impedance CMOS logic inputs
connected to RESET can drift to undetermined voltages.
This presents no problem in most applications since most µP and other circuitry is
inoperative with VCC below 1.0V. However, in applications where RESET must be
valid down to 0V, adding a pull down resistor to causes any stray leakage currents to
flow to ground, holding RESET low. R1’s value is not critical; 100k is large enough not
to load RESET and small enough to pull RESET to ground. For the
APE6810/APE6812 if RESET is required to remain valid for VCC < 1.0V.
Most µP supervisor ICs has reset threshold voltages between 5% and 10%
below the value of nominal supply voltages. This ensures a reset will not occur within
5% of the nominal supply, but will occur when the supply is 10% below nominal. When
using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty
where the supply is between 5% and 10% low, and where the reset may or may not be
asserted.


Similar Part No. - APE6812U-I

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
More results

Similar Description - APE6812U-I

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com