Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S1200 Datasheet(PDF) 5 Page - Analog Devices

Part # AD2S1200
Description  12-Bit R/D Converter with Reference Oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1200 Datasheet(HTML) 5 Page - Analog Devices

  AD2S1200 Datasheet HTML 1Page - Analog Devices AD2S1200 Datasheet HTML 2Page - Analog Devices AD2S1200 Datasheet HTML 3Page - Analog Devices AD2S1200 Datasheet HTML 4Page - Analog Devices AD2S1200 Datasheet HTML 5Page - Analog Devices AD2S1200 Datasheet HTML 6Page - Analog Devices AD2S1200 Datasheet HTML 7Page - Analog Devices AD2S1200 Datasheet HTML 8Page - Analog Devices AD2S1200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD2S1200
Rev. 0 | Page 5 of 24
Parameter
Min
Typ
Max
Unit
Conditions/Comments
FAULT DETECTION BLOCK (CONT.)
DOS
Sin/Cos Threshold
4.0
4.09
4.2
V p-p
DOS goes low when Sin or Cos exceeds threshold.
Sin/Cos Mismatch
385
420
mV
DOS latched low when Sin/Cos amplitude mismatch
exceeds the threshold.
Angular Accuracy (Worst Case)
30
Degrees
DOS indicated before angular output error exceeds
limit.
Angular Latency (Worst Case)
60
Degrees
Maximum electrical rotation before DOS is indicated.
Time Latency
125
µs
LOT
Tracking Threshold
5
Degrees
LOT goes low when internal error signal exceeds
threshold. Guaranteed by design.
Time Latency
1.1
ms
Hysteresis
4
Degrees
Guaranteed by design
VOLTAGE REFERENCE
REFOUT
2.39
2.47
2.52
V
±IOUT = 100 µA
Drift
70
ppm/°C
PSRR
−60
dB
CHARGE PUMP OUTPUT (CPO)
Frequency
204.8
kHz
Square wave output
Duty Cycle
50
%
POWER SUPPLY
IDD Dynamic
18
mA
ELECTRICAL CHARACTERISTICS
VIL Voltage Input Low
0.8
V
VIH Voltage Input High
2.0
V
VOL Voltage Output Low
0.4
V
2 mA load
VOH Voltage Output High
4.0
V
−1 mA load
IIL Low Level Input Current
10
µA
IIH High Level Input Current
−10
µA
IOZH High Level Three-State Leakage
−10
µA
IOZL Low Level Three-State Leakage
10
µA


Similar Part No. - AD2S1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1200WST AD-AD2S1200WST Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1200YST AD-AD2S1200YST Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
More results

Similar Description - AD2S1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com