Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH43B-41S-02SHW Datasheet(PDF) 8 Page - Hirose Electric

Part # FH43B-41S-02SHW
Description  0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH43B-41S-02SHW Datasheet(HTML) 8 Page - Hirose Electric

Back Button FH43B-41S-02SHW Datasheet HTML 4Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 5Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 6Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 7Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 8Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 9Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 10Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 11Page - Hirose Electric FH43B-41S-02SHW Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FH43B Series0.2 mm Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors
3
Rotate down the actuator until firmly closed.
Operation and Precautions
Operation
1. FPC insertion procedure. Connector installed on the board.
1
Lift up the actuator.
Use thumb or index finger.
2. FPC removal
1
Lift up the actuator
Pull up the FPC at an angle of approximately 10°
① and than
withdrew it from the connector
②.
2
Insert the FPC (contact surfaces facing down) at angle of
approximately 10° to the board surface
①, making sure that
the FPC positioning tabs clear the protrusions on both sides
of the connector. Lower the FPC down
②, parallel to the
board surface.
FPC contact surface
faces downward
125°
Protrusions for
the FPC positioning.
125
°
Protrusions for
the FPC positioning.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH43B-41S-02SHW

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH4 GOOD-ARK-FH4 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH40 HIROSE-FH40 Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
FH40-10S-0.5SV HIROSE-FH40-10S-0.5SV Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
FH40-20S-0.5SV HIROSE-FH40-20S-0.5SV Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
FH40-24S-0.5SV HIROSE-FH40-24S-0.5SV Datasheet
669Kb / 8P
   0.5mm Pitch, 5.8mm above the board, vertical connectors for FPC
More results

Similar Description - FH43B-41S-02SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com