Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7863ARS-10 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7863ARS-10
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863ARS-10 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7863ARS-10 Datasheet HTML 4Page - Analog Devices AD7863ARS-10 Datasheet HTML 5Page - Analog Devices AD7863ARS-10 Datasheet HTML 6Page - Analog Devices AD7863ARS-10 Datasheet HTML 7Page - Analog Devices AD7863ARS-10 Datasheet HTML 8Page - Analog Devices AD7863ARS-10 Datasheet HTML 9Page - Analog Devices AD7863ARS-10 Datasheet HTML 10Page - Analog Devices AD7863ARS-10 Datasheet HTML 11Page - Analog Devices AD7863ARS-10 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7863
Rev. B | Page 8 of 24
TERMINOLOGY
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the
output of the analog-to-digital converter. The signal is the rms
amplitude of the fundamental. Noise is the rms sum of all non-
fundamental signals up to half the sampling frequency (fS/2),
excluding dc. The ratio is dependent upon the number of
quantization levels in the digitization process; the more levels,
the smaller the quantization noise. The theoretical signal-to-
(noise + distortion) ratio for an ideal N-bit converter with a sine
wave input is given by
Signal to (Noise + Distortion) = (6.02N + 1.76) dB
For a 14-bit converter, this is 86.04 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7863 it is defined as
()
1
5
4
3
2
V
V
V
V
V
dB
THD
2
2
2
log
20
+
+
+
=
2
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, and V5 are the rms amplitudes of the second through
the fifth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but for
parts where the harmonics are buried in the noise floor, it is
a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb where
m, n = 0, 1, 2, 3. Intermodulation terms are those for which
neither m nor n is equal to zero. For example, the second order
terms include (fa + fb) and (fa − fb), and the third order terms
include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7863 is tested using two input frequencies. In this case,
the second and third order terms are of different significance.
The second order terms are usually distanced in frequency from
the original sine waves, and the third order terms are usually at
a frequency close to the input frequencies. As a result, the
second and third order terms are specified separately. The
calculation of the intermodulation distortion is as per the THD
specification where it is the ratio of the rms sum of the
individual distortion products to the rms amplitude of the
fundamental, expressed in decibels (dB).
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale 50 kHz sine wave signal to all nonselected channels and
determining how much that signal is attenuated in the selected
channel. The figure given is the worst case across all channels.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is the maximum
deviation from a straight line passing through the endpoints of
the ADC transfer function.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Positive Gain Error
(AD7863-10, ±10 V, AD7863-3, ±2.5 V)
This is the deviation of the last code transition (01 . . . 110 to
01 . . . 111) from the ideal 4 × VREF − 1 LSB (AD7863-10, ±10 V
range) or VREF − 1 LSB (AD7863-3, ±2.5 V range), after the
bipolar offset error has been adjusted out.
Positive Gain Error
(AD7863-2, 0 V to 2.5 V)
This is the deviation of the last code transition (11 . . . 110 to
11 . . . 111) from the ideal VREF − 1 LSB, after the unipolar offset
error has been adjusted out.
Bipolar Zero Error
(AD7863-10, ±10 V, AD7863-3, ±2.5 V)
This is the deviation of the midscale transition (all 0s to all 1s)
from the ideal 0 V (AGND).
Unipolar Offset Error
(AD7863-2, 0 V to 2.5 V)
This is the deviation of the first code transition (00 . . . 000 to
00 . . . 001) from the ideal AGND + 1 LSB.
Negative Gain Error
(AD7863-10, ±10 V, AD7863-3, ±2.5 V)
This is the deviation of the first code transition (10 . . . 000 to
10 . . . 001) from the ideal −4 × VREF + 1 LSB (AD7863-10, ±10 V
range) or –VREF + 1 LSB (AD7863-3, ±2.5 V range), after bipolar
zero error has been adjusted out.
Track-and-Hold Acquisition Time
Track-and-hold acquisition time is the time required for the
output of the track/hold amplifier to reach its final value, with
±½ LSB, after the end of conversion (the point at which the
track-and-hold returns to track mode). It also applies to
situations where a change in the selected input channel takes
place or where there is a step input change on the input voltage
applied to the selected VAX/BX input of the AD7863. It means
that the user must wait for the duration of the track-and-hold
acquisition time after the end of conversion or after a channel
change/step input change to VAX/BX before starting another
conversion, to ensure that the part operates to specification.


Similar Part No. - AD7863ARS-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863ARS-10 AD-AD7863ARS-10 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7863ARS-10REEL AD-AD7863ARS-10REEL Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7863ARS-10REEL7 AD-AD7863ARS-10REEL7 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
More results

Similar Description - AD7863ARS-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863 AD-AD7863_15 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863 AD-AD7863_17 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com