Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8475ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8475ARMZ
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8475ARMZ Datasheet HTML 3Page - Analog Devices AD8475ARMZ Datasheet HTML 4Page - Analog Devices AD8475ARMZ Datasheet HTML 5Page - Analog Devices AD8475ARMZ Datasheet HTML 6Page - Analog Devices AD8475ARMZ Datasheet HTML 7Page - Analog Devices AD8475ARMZ Datasheet HTML 8Page - Analog Devices AD8475ARMZ Datasheet HTML 9Page - Analog Devices AD8475ARMZ Datasheet HTML 10Page - Analog Devices AD8475ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8475
Rev. B | Page 7 of 24
–IN 0.8x 1
–IN 0.4x 2
+VS 3
VOCM 4
+OUT 5
+IN 0.8x
10
+IN 0.4x
9
–VS
8
NC
7
–OUT
6
AD8475
TOP VIEW
(Not to Scale
NC = NO CONNECT
Figure 4. 10-Lead MSOP Pin Configuration
Table 5. 10-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN 0.8x
Negative Input for 0.8 Attenuation
2
−IN 0.4x
Negative Input for 0.4 Attenuation
3
+VS
Positive Supply
4
VOCM
Output Common-Mode Adjust
5
+OUT
Noninverting Output
6
−OUT
Inverting Output
7
NC
No Connect
8
−VS
Negative Supply
9
+IN 0.4x
Positive Input for 0.4 Attenuation
10
+IN 0.8x
Positive Input for 0.8 Attenuation


Similar Part No. - AD8475ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475ARMZ AD-AD8475ARMZ Datasheet
621Kb / 25P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475ARMZ AD-AD8475ARMZ Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475ARMZ-R7 AD-AD8475ARMZ-R7 Datasheet
621Kb / 25P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475ARMZ-R7 AD-AD8475ARMZ-R7 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475ARMZ-RL AD-AD8475ARMZ-RL Datasheet
621Kb / 25P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
More results

Similar Description - AD8475ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475 AD-AD8475_16 Datasheet
621Kb / 25P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
LT1997-2 AD-LT1997-2 Datasheet
806Kb / 26P
   Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com