Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS2-1.5V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TXS2-1.5V
Description  Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2-1.5V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TXS2-1.5V Datasheet HTML 1Page - Panasonic Semiconductor TXS2-1.5V Datasheet HTML 2Page - Panasonic Semiconductor TXS2-1.5V Datasheet HTML 3Page - Panasonic Semiconductor TXS2-1.5V Datasheet HTML 4Page - Panasonic Semiconductor TXS2-1.5V Datasheet HTML 5Page - Panasonic Semiconductor TXS2-1.5V Datasheet HTML 6Page - Panasonic Semiconductor TXS2-1.5V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TX-S
1
ds_61022_en_txs: 060213D
ORDERING INFORMATION
Very High Sensitivity,
50 mW (nominal operating)
Rely with LT style
pin layout
TX-S RELAYS
FEATURES
1. Nominal operating power:
High sensitivity of 50 mW
By using the highly efficient polar
magnetic circuit “seesaw balance
mechanism”, a nominal operating
power of 50 mW (minimum operating
power of 32 mW) has been achieved.
2. Compact size
15.0(L)
 7.4(W)  8.2(H)
.591(L)
 .291(W)  .323(H)
3. High contact reliability
High contact reliability is achieved by
the use of gold-clad twin crossbar
contacts, low-gas formation materials,
mold sealing the coil section, and by
controlling organic gas in the coil.
*We also offer a range of products
with AgPd contacts suitable for use
in low level load analog circuits
(max. 10V DC 10 mA).
4. Outstanding surge resistance
Surge breakdown voltage between
open contacts:
1,500 V 10
160 sec. (FCC part 68)
Surge breakdown voltage between
contact and coil:
2,500 V 2
10 sec. (Telcordia)
5. Low thermal electromotive force
(approx. 0.3
V)
The structure of the mold-sealed body
block of the coil section achieves
nominal operating power of 50 mW
and high sensitivity, along with low
thermal electromotive force, reduced
to approximately 0.3
V.
6. A range of surface-mount types is
also available.
SA: Low-profile surface-mount
terminal type
SS: Space saving surface-mount
terminal type
7. Sealed construction allows
automatic washing.
TYPICAL APPLICATIONS
1. Communications
(XDSL, Transmission)
2. Measurement
3. Security
4. Home appliances, and audio/visual
equipment
5. Automotive equipment
6. Medical equipment
Nominal coil voltage (DC)
1.5, 3, 4.5, 6, 9, 12, 24V
Contact arrangement
2: 2 Form C
TXS
2
Terminal shape
Nil: Standard PC board terminal or surface-mount terminal
Contact material
Nil:
1:
Standard contact (Ag+Au clad)
AgPd contact (low level load); AgPd+Au clad (stationary), AgPd (movable)
Operating function
Nil:
L:
L2:
LT:
Single side stable
1 coil latching
2 coil latching
2 coil latching
Surface-mount availability
Nil:
SA:
SS:
Standard PC board terminal type
SA type
SS type
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel (picked from 1/3/4/5-pin side)
Tape and reel packing (picked from the 8/9/10/12-pin side)


Similar Part No. - TXS2-1.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-1.5V PANASONIC-TXS2-1.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results

Similar Description - TXS2-1.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com