Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384C5V1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BZX384C5V1
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384C5V1 Datasheet(HTML) 7 Page - Vishay Siliconix

  BZX384C5V1 Datasheet HTML 1Page - Vishay Siliconix BZX384C5V1 Datasheet HTML 2Page - Vishay Siliconix BZX384C5V1 Datasheet HTML 3Page - Vishay Siliconix BZX384C5V1 Datasheet HTML 4Page - Vishay Siliconix BZX384C5V1 Datasheet HTML 5Page - Vishay Siliconix BZX384C5V1 Datasheet HTML 6Page - Vishay Siliconix BZX384C5V1 Datasheet HTML 7Page - Vishay Siliconix BZX384C5V1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BZX384-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 08-May-13
7
Document Number: 85764
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): SOD-323
Foot print recommendation:
Rev. 5 - Date: 23.Sept.2009
17443
Document no.:S8-V-3910.02-001 (4)
0.6 (0.024)
0.6 (0.024)
1.6 (0.063)
Cathode bar
2.50 (0.098)
2.85 (0.112)
1.60 (0.063)
1.95 (0.077)
Created - Date: 24.August.2004
0.40 (0.016)
0.25 (0.010)


Similar Part No. - BZX384C5V1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX384C5V1 EIC-BZX384C5V1 Datasheet
109Kb / 2P
   ZENER DIODES
logo
TAITRON Components Inco...
BZX384C5V1 TAITRON-BZX384C5V1 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
SynSemi, Inc.
BZX384C5V1 SYNSEMI-BZX384C5V1 Datasheet
102Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZX384C5V1 SUNMATE-BZX384C5V1 Datasheet
481Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
GUANGDONG HOTTECH INDUS...
BZX384C5V1 HOTTECH-BZX384C5V1 Datasheet
232Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - BZX384C5V1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com