Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7863ARZ-2REEL1 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7863ARZ-2REEL1
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863ARZ-2REEL1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7863ARZ-2REEL1 Datasheet HTML 7Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 8Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 9Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 10Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 11Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 12Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 13Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 14Page - Analog Devices AD7863ARZ-2REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7863
Rev. B | Page 11 of 24
Gain error can be adjusted at either the first code transition (ADC
negative full scale) or the last code transition (ADC positive full
scale). The trim procedures for both cases are as follows:
Positive Full-Scale Adjust (−10 Version)
Apply a voltage of 9.9927 V (FS/2 – 1 LSBs) at V1. Adjust R2
until the ADC output code flickers between 01 1111 1111 1110
and 01 1111 1111 1111.
Negative Full-Scale Adjust (−10 Version)
Apply a voltage of −9.9976 V (−FS + 1 LSB) at V1. Adjust R2
until the ADC output code flickers between 10 0000 0000 0000
and 10 0000 0000 0001.
An alternative scheme for adjusting full-scale error in systems
that use an external reference is to adjust the voltage at the VREF
pin until the full-scale error for any of the channels is adjusted
out. The good full-scale matching of the channels ensures small
full-scale errors on the other channels.
TIMING AND CONTROL
Figure 7 shows the timing and control sequence required to
obtain optimum performance (Mode 1) from the AD7863. In
the sequence shown, a conversion is initiated on the falling edge
of CONVST. This places both track-and-holds into hold
simultaneously and new data from this conversion is available
in the output register of the AD7863 5.2 μs later. The BUSY
signal indicates the end of conversion and at this time the
conversion results for both channels are available to be read. A
second conversion is then initiated. If the multiplexer select (A0)
is low, the first and second read pulses after the first conversion
accesses the result from Channel A (VA1 and VA2, respectively).
The third and fourth read pulses, after the second conversion
and A0 high, accesses the result from Channel B (VB1 and VB2,
respectively). The state of A0 can be changed any time after the
CONVST goes high, that is, track-and-holds into hold and 500 ns
prior to the next falling edge of CONVST. Note that A0 should
not be changed during conversion if the nonselected channels
have negative voltages applied to them, which are outside the
input range of the AD7863, because this affects the conversion
in progress. Data is read from the part via a 14-bit parallel data
bus with standard CS and RD signal, that is, the read operation
consists of a negative going pulse on the CS pin combined with
two negative going pulses on the RD pin (while the CS is low),
accessing the two 14-bit results. Once the read operation has
taken place, a further 400 ns should be allowed before the next
falling edge of CONVST to optimize the settling of the track-
and-hold amplifier before the next conversion is initiated.
The achievable throughput rate for the part is 5.2 μs (conversion
time) plus 100 ns (read time) plus 0.4 μs (quiet time). This
results in a minimum throughput time of 5.7 μs (equivalent to
a throughput rate of 175 kHz).
VA1
VA2
VB1
VB2
CONVST
BUSY
A0
CS
RD
DATA
tCONV = 5.2µs
t3
t8
tACQ
t1
t4
t2
t5
t6
t7
Figure 7. Mode 1 Timing Operation Diagram for High Sampling Performance


Similar Part No. - AD7863ARZ-2REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863ARZ-2REEL AD-AD7863ARZ-2REEL Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7863ARZ-2REEL7 AD-AD7863ARZ-2REEL7 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
More results

Similar Description - AD7863ARZ-2REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863 AD-AD7863_15 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863 AD-AD7863_17 Datasheet
453Kb / 25P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com