Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF04S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DF04S
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF04S Datasheet(HTML) 3 Page - Vishay Siliconix

  DF04S Datasheet HTML 1Page - Vishay Siliconix DF04S Datasheet HTML 2Page - Vishay Siliconix DF04S Datasheet HTML 3Page - Vishay Siliconix DF04S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DF005S thru DF10S
Vishay General Semiconductor
Document Number: 88573
Revision: 30-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Forward Characteristics Per Diode
Figure 4. Typical Reverse Leakage Characteristics Per Diode
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
T
J = 125 °C
T
J = 50 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
t - Heating Time (s)
Mounting Pad La yout
0.255 (6.5)
0.245 (6.2)
0.013 (0.330)
0.009 (0.241)
0.060 (1.524)
0.040 (1.016)
0.404 (10.3)
0.013 (0.330)
0.003 (0.076)
0.047 (1.20)
0.040 (1.02)
0.205 (5.2)
0.195 (5.0)
0.335 (8.51)
0.320 (8.13)
0.130 (3.3)
0.120 (3.05)
45°
0.386 (9.80)
Case Style DFS
0.404 MAX.
(10.26 MAX.)
0.205 (5.2)
0.195 (5.0)
0.047 MIN.
(1.20 MIN.)
0.060 MIN.
(1.52 MIN.)


Similar Part No. - DF04S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DF04S WINNERJOIN-DF04S Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF04S WTE-DF04S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF04S FAIRCHILD-DF04S Datasheet
190Kb / 3P
   Bridge Rectifiers
logo
HY ELECTRONIC CORP.
DF04S HY-DF04S Datasheet
369Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
Diotech Company.
DF04S DIOTECH-DF04S Datasheet
812Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DF04S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF02S-E377 VISHAY-DF02S-E377 Datasheet
85Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_08 Datasheet
103Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
logo
Cystech Electonics Corp...
MB4ST08 CYSTEKEC-MB4ST08 Datasheet
291Kb / 3P
   Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com