Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2385W-D205G Datasheet(PDF) 8 Page - Optoway Technology Inc

Part # SPS-2385W-D205G
Description  10.3 Gbps / 80 km / 50 GHz DWDM Digital Diagnostic LC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2385W-D205G Datasheet(HTML) 8 Page - Optoway Technology Inc

  SPS-2385W-D205G Datasheet HTML 1Page - Optoway Technology Inc SPS-2385W-D205G Datasheet HTML 2Page - Optoway Technology Inc SPS-2385W-D205G Datasheet HTML 3Page - Optoway Technology Inc SPS-2385W-D205G Datasheet HTML 4Page - Optoway Technology Inc SPS-2385W-D205G Datasheet HTML 5Page - Optoway Technology Inc SPS-2385W-D205G Datasheet HTML 6Page - Optoway Technology Inc SPS-2385W-D205G Datasheet HTML 7Page - Optoway Technology Inc SPS-2385W-D205G Datasheet HTML 8Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Optoway
SPS-2385W-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012 V2.0
8
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2010/7/1
2.0
Change the TX wavelength stability to +/- 60 pm
2012/9/1


Similar Part No. - SPS-2385W-D205G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2385W OPTOWAY-SPS-2385W_15 Datasheet
208Kb / 8P
   50 GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385W_2015 OPTOWAY-SPS-2385W_2015 Datasheet
208Kb / 8P
   50 GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2385W-D205G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381W-D21G OPTOWAY-SPS-2381W-D21G_11 Datasheet
203Kb / 7P
   10.3 Gbps / 100 GHz DWDM / 80 km Digital Diagnostic LC
SPS-2381W-DXXG OPTOWAY-SPS-2381W-DXXG Datasheet
202Kb / 7P
   10.3 Gbps / 80 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4385W-D200G OPTOWAY-SPS-4385W-D200G Datasheet
205Kb / 7P
   8.5 Gbps/ 50 GHz DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG Datasheet
200Kb / 7P
   10.3 Gbps / 40 km / DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2345W-DXXXG OPTOWAY-SPS-2345W-DXXXG Datasheet
261Kb / 8P
   10.3 Gbps / 40 km / 50GHz DWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W-DXXG OPTOWAY-SPS-4381W-DXXG Datasheet
199Kb / 6P
   8.5 Gbps/ DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2371W-C470G OPTOWAY-SPS-2371W-C470G Datasheet
197Kb / 6P
   10.3 Gbps / 70 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-CXX0G OPTOWAY-SPS-2341W-CXX0G Datasheet
208Kb / 7P
   10.3 Gbps / 40 km / CWDM Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-DXXG OPTOWAY-SPS-4341W-DXXG Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPB-2960LWG OPTOWAY-SPB-2960LWG Datasheet
594Kb / 5P
   10.3 Gbps Digital Diagnostic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com