Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-2385MW-D360G Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-2385MW-D360G
Description  80km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2385MW-D360G Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-2385MW-D360G Datasheet HTML 1Page - Optoway Technology Inc SPS-2385MW-D360G Datasheet HTML 2Page - Optoway Technology Inc SPS-2385MW-D360G Datasheet HTML 3Page - Optoway Technology Inc SPS-2385MW-D360G Datasheet HTML 4Page - Optoway Technology Inc SPS-2385MW-D360G Datasheet HTML 5Page - Optoway Technology Inc SPS-2385MW-D360G Datasheet HTML 6Page - Optoway Technology Inc SPS-2385MW-D360G Datasheet HTML 7Page - Optoway Technology Inc SPS-2385MW-D360G Datasheet HTML 8Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Optoway
SPS-2385MW-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012 V2.0
2
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10G
Distance
(km)
Spacing
(GHz)
Wavelength
(nm)
Package
Case Temp
(
oC)
RoHS
Compliant
SPS-2385MW-DXXXG
9.95 – 11.1
Multirate*
80
50
DWDM**
SFP+ with DMI
0 to 70
Yes
*: multirate for SONET OC-192 LR2, 10GBASE-ZR/ZW, 10G Fibre Channel, ITU-T G.709, 10GBASE-ZR/ZW + FEC
**XXX: 50GHz ITU Grid wavelength (Please see below)
Channel #
Product code
Frequency (THz)
Center Wavelength (nm)
Label
200
SPS-2385MW-D200G
192.00
1561.42
200
205
SPS-2385MW-D205G
192.05
1561.01
205
210
SPS-2385MW-D210G
192.10
1560.61
210
215
SPS-2385MW-D215G
192.15
1560.20
215
220
SPS-2385MW-D220G
192.20
1559.79
220
225
SPS-2385MW-D225G
192.25
1559.39
225
230
SPS-2385MW-D230G
192.30
1558.98
230
235
SPS-2385MW-D235G
192.35
1558.58
235
240
SPS-2385MW-D240G
192.40
1558.17
240
245
SPS-2385MW-D245G
192.45
1557.77
245
250
SPS-2385MW-D250G
192.50
1557.36
250
255
SPS-2385MW-D255G
192.55
1556.96
255
260
SPS-2385MW-D260G
192.60
1556.55
260
265
SPS-2385MW-D265G
192.65
1556.15
265
270
SPS-2385MW-D270G
192.70
1555.75
270
275
SPS-2385MW-D275G
192.75
1555.34
275
280
SPS-2385MW-D280G
192.80
1554.94
280
285
SPS-2385MW-D285G
192.85
1554.54
285
290
SPS-2385MW-D290G
192.90
1554.13
290
295
SPS-2385MW-D295G
192.95
1553.73
295
300
SPS-2385MW-D300G
193.00
1553.33
300
305
SPS-2385MW-D305G
193.05
1552.93
305
310
SPS-2385MW-D310G
193.10
1552.52
310
315
SPS-2385MW-D315G
193.15
1552.12
315
320
SPS-2385MW-D320G
193.20
1551.72
320
325
SPS-2385MW-D325G
193.25
1551.32
325
330
SPS-2385MW-D330G
193.30
1550.92
330
335
SPS-2385MW-D335G
193.35
1550.52
335
340
SPS-2385MW-D340G
193.40
1550.12
340
345
SPS-2385MW-D345G
193.45
1549.72
345
350
SPS-2385MW-D350G
193.50
1549.32
350
355
SPS-2385MW-D355G
193.55
1548.91
355
360
SPS-2385MW-D360G
193.60
1548.51
360
365
SPS-2385MW-D365G
193.65
1548.11
365
370
SPS-2385MW-D370G
193.70
1547.72
370
375
SPS-2385MW-D375G
193.75
1547.32
375
380
SPS-2385MW-D380G
193.80
1546.92
380
385
SPS-2385MW-D385G
193.85
1546.52
385
390
SPS-2385MW-D390G
193.90
1546.12
390
395
SPS-2385MW-D395G
193.95
1545.72
395
400
SPS-2385MW-D400G
194.00
1545.32
400
405
SPS-2385MW-D405G
194.05
1544.92
405
410
SPS-2385MW-D410G
194.10
1544.53
410
415
SPS-2385MW-D415G
194.15
1544.13
415
420
SPS-2385MW-D420G
194.20
1543.73
420
425
SPS-2385MW-D425G
194.25
1543.33
425
430
SPS-2385MW-D430G
194.30
1542.94
430
435
SPS-2385MW-D435G
194.35
1542.54
435
440
SPS-2385MW-D440G
194.40
1542.14
440
445
SPS-2385MW-D445G
194.45
1541.75
445


Similar Part No. - SPS-2385MW-D360G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2385MW OPTOWAY-SPS-2385MW_15 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW_2015 OPTOWAY-SPS-2385MW_2015 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2385MW-D360G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-D21G OPTOWAY-SPS-2381MW-D21G_11 Datasheet
202Kb / 7P
   80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2345MW-DXXXG OPTOWAY-SPS-2345MW-DXXXG Datasheet
262Kb / 8P
   40 km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW_2015 OPTOWAY-SPS-2385MW_2015 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG_2015 OPTOWAY-SPS-2341MW-DXXG_2015 Datasheet
201Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW_2015 OPTOWAY-SPS-2381MW_2015 Datasheet
202Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW OPTOWAY-SPS-2381MW_15 Datasheet
202Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW OPTOWAY-SPS-2385MW_15 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com