Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP2ALDC6V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DSP2ALDC6V
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DSP2ALDC6V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DSP2ALDC6V Datasheet HTML 1Page - Panasonic Semiconductor DSP2ALDC6V Datasheet HTML 2Page - Panasonic Semiconductor DSP2ALDC6V Datasheet HTML 3Page - Panasonic Semiconductor DSP2ALDC6V Datasheet HTML 4Page - Panasonic Semiconductor DSP2ALDC6V Datasheet HTML 5Page - Panasonic Semiconductor DSP2ALDC6V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DSP
TYPES AND COIL DATA (at 20
°C 68°F)
Single side stable
2 coil latching
Notes: 1. Insert 1a, 1 or 2a in, 2
❑ for contact form required.
2. The Suffix “F” is required only for DSP1-.
DIMENSIONS
mm inch
Type
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current, mA
Nominal
operating
power, mW
Coil
resistance,
Ω (±10%)
Max. allowable
voltage, at 50
°C,
V DC
Single
side
stable
DSP
❑-DC3V (-F)
3
2.4
0.3
100
300
30
3.9
DSP
❑-DC5V (-F)
5
4.0
0.5
60
300
83
6.5
DSP
❑-DC6V (-F)
6
4.8
0.6
50
300
120
7.8
DSP
❑-DC9V (-F)
9
7.2
0.9
33.3
300
270
11.7
DSP
❑-DC12V (-F)
12
9.6
1.2
25
300
480
15.6
DSP
❑-DC24V (-F)
24
19.2
2.4
12.5
300
1,920
31.2
Type
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset
voltage,
V DC (max.)
Nominal
operating
current, mA
Nominal
operating
power, mW
Coil
resistance,
Ω (±10%)
Max. allowable
voltage, at 50
°C,
V DC
2 coil
latching
DSP
❑-L2-DC3V (-F)
3
2.4
2.4
100
300
30
3.9
DSP
❑-L2-DC5V (-F)
5
4.0
4.0
60
300
83
6.5
DSP
❑-L2-DC6V (-F)
6
4.8
4.8
50
300
120
7.8
DSP
❑-L2-DC9V (-F)
9
7.2
7.2
33.3
300
270
11.7
DSP
❑-L2-DC12V (-F)
12
9.6
9.6
25.5
300
480
15.6
DSP
❑-L2-DC24V (-F)
24
19.2
19.2
12.5
300
1,920
31.2
TYPICAL APPLICATIONS
Office and industrial electronic devices
• Terminal devices of information
processing equipment, such as printer,
data recorder.
• Office equipment (copier, facsimile)
• Measuring instruments
• NC machines, temperature controllers
and programmable logic controllers.
ORDERING INFORMATION
Ex. DSP
1
L
DC12V
RF
Contact arrangement
1: 1a1b
1a: 1a
2a: 2a
Operating function
Nil: Single side
stable
L2: 2 coil latching
Coil voltage
DC: 3, 5, 6,
9, 12, 24 V
Polarity
Nil: Standard
polarity
R: Reverse
polarity
Contact material
• AgSnO2 type
F: 1a1b
Nil: 1a, 2a
(Notes) 1. Standard packing–Carton: 50 pcs.; Case: 500 pcs.
UL/CSA, VDE approved type is standard.
2. 1 coil latching type available.
3. Please inquire about the previous products (Cadmium containing parts).
(1 Form A 1 Form B type only)
1a type (DSP1a)
Single side stable
1 coil latching
2 coil latching
General tolerance:
±0.3 ±.012
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
20.2
.795
7.62
.300
7.2
.283
1.21
.048
10.16
.400
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
1.0
.039
20.2
.795
7.62
.300
7.62
.300
7.2
.283
1.21
.048
2.54
.100
0.3
.012
11.0
.433
7.62
.300
PC board pattern (Copper-side view)
Single side stable
2 coil latching
Tolerance:
±0.1 ±.004
2.54
.100
4-1.2 dia.
4-.047 dia.
2.54
.100
2.54
.100
6-1.2 dia.
6-.047 dia.
2.54
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
16
5
8
1
+
16
5
2
+
15
All Rights Reserved © C
OPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - DSP2ALDC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP2A-DC12V NAIS-DSP2A-DC12V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP2a-DC12V ETC2-DSP2a-DC12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-DC12V PANASONIC-DSP2A-DC12V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP2A-DC12V PANASONIC-DSP2A-DC12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP2ALDC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Hongfa Technology
HF115F-LS HONGFA-HF115F-LS Datasheet
54Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE12 HONGFA-HFE12 Datasheet
115Kb / 5P
   MINIATURE HIGH POWER LATCHING RELAY
HFE19-60391 HONGFA-HFE19-60391 Datasheet
55Kb / 3P
   MINIATURE HIGH POWER LATCHING RELAY
HFE10 HONGFA-HFE10 Datasheet
2Mb / 7P
   MINIATURE HIGH POWER LATCHING RELAY
HFE26 HONGFA-HFE26 Datasheet
66Kb / 4P
   MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com