Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUF76429S3S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HUF76429S3S
Description  44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76429S3S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HUF76429S3S Datasheet HTML 1Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 2Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 3Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 4Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 5Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 6Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 7Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 8Page - Fairchild Semiconductor HUF76429S3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUF76429P3, HUF76429S3S Rev. B
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
60
-
-
V
ID = 250µA, VGS = 0V , TC = -40
oC (Figure 12)
55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 50V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 47A, VGS = 10V (Figures 9, 10)
-
0.018
0.022
ID = 31A, VGS = 5V (Figure 9)
-
0.021
0.025
ID = 30A, VGS = 4.5V (Figure 9)
-
0.022
0.027
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-220 and TO-263
-
-
1.36
oC/W
Thermal Resistance Junction to
Ambient
RθJA
--
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 30V, ID = 30A
VGS = 4.5V, RGS = 7.5Ω
(Figures 15, 21, 22)
-
-
325
ns
Turn-On Delay Time
td(ON)
-13-
ns
Rise Time
tr
-
203
-
ns
Turn-Off Delay Time
td(OFF)
-30-
ns
Fall Time
tf
-74-
ns
Turn-Off Time
tOFF
-
-
155
ns
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 30V, ID = 47A
VGS = 10V,RGS = 8.2Ω
(Figures 16, 21, 22)
-
-
160
ns
Turn-On Delay Time
td(ON)
-7.8
-
ns
Rise Time
tr
-
100
-
ns
Turn-Off Delay Time
td(OFF)
-51-
ns
Fall Time
tf
-
104
-
ns
Turn-Off Time
tOFF
-
-
235
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 30V,
ID = 31A,
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-38
46
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
21
25
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
1.3
1.6
nC
Gate to Source Gate Charge
Qgs
-3.8
-
nC
Gate to Drain "Miller" Charge
Qgd
-9.7
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
1480
-
pF
Output Capacitance
COSS
-
440
-
pF
Reverse Transfer Capacitance
CRSS
-90-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 44A
-
-
1.25
V
ISD = 22A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 31A, dISD/dt = 100A/µs-
-
98
ns
Reverse Recovered Charge
QRR
ISD = 31A, dISD/dt = 100A/µs
-
-
230
nC
HUF76429P3, HUF76429S3S


Similar Part No. - HUF76429S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76429S3S INTERSIL-HUF76429S3S Datasheet
332Kb / 9P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUF76429S3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76429P3 INTERSIL-HUF76429P3 Datasheet
332Kb / 9P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409P3 FAIRCHILD-HUFA76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com