Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG03C30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZG03C30
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG03C30 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZG03C30 Datasheet HTML 1Page - Vishay Siliconix BZG03C30 Datasheet HTML 2Page - Vishay Siliconix BZG03C30 Datasheet HTML 3Page - Vishay Siliconix BZG03C30 Datasheet HTML 4Page - Vishay Siliconix BZG03C30 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BZG03C-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 29-Nov-11
2
Document Number: 85593
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF ZENER
VOLTAGE
VZ at IZT1
IZT1
IR at VR
ZZ at IZT1
TKVZ at IZT1
V
mA
μA
V
Ω
%/K
MIN.
NOM.
MAX.
MAX.
TYP.
MAX.
MIN.
MAX.
BZG03C10
9.4
10
10.6
50
10
7.5
2
4
0.05
0.09
BZG03C11
10.4
11
11.6
50
4
8.2
4
7
0.05
0.1
BZG03C12
11.4
12
12.7
50
3
9.1
4
7
0.05
0.1
BZG03C13
12.4
13
14.1
50
2
10
5
10
0.05
0.1
BZG03C15
13.8
15
15.6
50
1
11
5
10
0.05
0.1
BZG03C16
15.3
16
17.1
25
1
12
6
15
0.06
0.11
BZG03C18
16.8
18
19.1
25
1
13
6
15
0.06
0.11
BZG03C20
18.8
20
21.2
25
1
15
6
15
0.06
0.11
BZG03C22
20.8
22
23.3
25
1
16
6
15
0.06
0.11
BZG03C24
22.8
24
25.6
25
1
18
7
15
0.06
0.11
BZG03C27
25.1
27
28.9
25
1
20
7
15
0.06
0.11
BZG03C30
28
30
32
25
1
22
8
15
0.06
0.11
BZG03C33
31
33
35
25
1
24
8
15
0.06
0.11
BZG03C36
34
36
38
10
1
27
21
40
0.06
0.11
BZG03C39
37
39
41
10
1
30
21
40
0.06
0.11
BZG03C43
40
43
46
10
1
33
24
45
0.07
0.12
BZG03C47
44
47
50
10
1
36
24
45
0.07
0.12
BZG03C51
48
51
54
10
1
39
25
60
0.07
0.12
BZG03C56
52
56
60
10
1
43
25
60
0.07
0.12
BZG03C62
58
62
66
10
1
47
25
80
0.08
0.13
BZG03C68
64
68
72
10
1
51
25
80
0.08
0.13
BZG03C75
70
75
79
10
1
56
30
100
0.08
0.13
BZG03C82
77
82
87
10
1
62
30
100
0.08
0.13
BZG03C91
85
91
96
5
1
68
60
200
0.09
0.13
BZG03C100
94
100
106
5
1
75
60
200
0.09
0.13
BZG03C110
104
110
116
5
1
82
80
250
0.09
0.13
BZG03C120
114
120
127
5
1
91
80
250
0.09
0.13
BZG03C130
124
130
141
5
1
100
110
300
0.09
0.13
BZG03C150
138
150
156
5
1
110
130
300
0.09
0.13
BZG03C160
158
160
171
5
1
120
150
350
0.09
0.13
BZG03C180
168
180
191
5
1
130
180
400
0.09
0.13
BZG03C200
188
200
212
5
1
150
200
500
0.09
0.13
BZG03C220
208
220
233
2
1
160
350
750
0.09
0.13
BZG03C240
228
240
256
2
1
180
400
850
0.09
0.13
BZG03C270
251
270
289
2
1
200
450
1000
0.09
0.13


Similar Part No. - BZG03C30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C30 VISHAY-BZG03C30 Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
logo
EPCOS
BZG03C30 EPCOS-BZG03C30 Datasheet
71Kb / 5P
   Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C30 BILIN-BZG03C30 Datasheet
106Kb / 3P
   ZENER DIODES
logo
Vishay Siliconix
BZG03C30 VISHAY-BZG03C30 Datasheet
81Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
BZG03C30 VISHAY-BZG03C30 Datasheet
178Kb / 6P
   Zener Diodes
Rev. 1.7, 15-Sep-05
More results

Similar Description - BZG03C30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com