Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPS-4381W-D33G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # XPS-4381W-D33G
Description  8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4381W-D33G Datasheet(HTML) 1 Page - Optoway Technology Inc

  XPS-4381W-D33G Datasheet HTML 1Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 2Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 3Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 4Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 5Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 6Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 7Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 8Page - Optoway Technology Inc XPS-4381W-D33G Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Optoway
XPS-4381W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2010
V1.0
1
XPS-4381W-DXXG
(RoHS Compliant)
8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
**********************************************************************************************************************************************************************
FEATURES
l Up to 8.5 Gb/s Bi-directional Data Link
l Complaint to XFP MSA
l Compliance with Fibre Channel FC-PI-4 800-SM-LL-V
l Compliant with 4G and 2G Fibre Channel
l SFF-8472 Digital Diagnostic Function
l Maximum Link Length of 80 km
l Temperature-stabilized DWDM EML Transmitter
l 100 GHz ITU Grid, C Band
l AC/AC Coupling according to MSA
l 2-Wire Interface for Integrated Digital Diagnostic
Monitoring
l XFI Loopback Mode
l No Reference Clock Required
l Power Dissipation < 3.5 W
l +3.3 V & 5 V Power Supply
l RoHS 6/6 Compliant
l 0 to 70oC Operating
l Duplex LC Connector
APPLICATIONS
l Multi-rate 8x/4x/2x Fiber Channel
STANDARD
l Compliant with XFP MSA
l Compliant with 8G FC
LASER SAFETY
This transceiver is a Class 1 laser product. It complies with
IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The
transceiver
must
be
operated
within
the
specified
temperature and voltage limits. The optical ports of the
module shall be terminated with an optical connector or with
a dust plug.
DESCRIPTION
XPS-4381W-DXXG
series
multi-rate
8G
XFP
transceiver
is
designed
for
serial
optical
data
communications such as 8G Fiber Channel. It supports the
8.5Gbps transmission on 9/125
µm SMF.
This module is designed for single mode fiber and
operates at a nominal wavelength of 100GHz ITU Grid, C
Band DWDM wavelength. The transmitter section consists
of a temperature-stabilized DWDM electrical-modulated
laser (EML), driver and signal conditioner. The receiver
section incorporates an avalanche photodiode integrated
with a trans-impedance preamplifier (TIA) and signal
conditioner.
The module is with the XFP 30-pin connector to allow
hot plug capability. Integrated Tx and Rx signal conditioners
provide high jitter-tolerance for full XFI compliance and no
external reference clock required. The internally ac coupled
high speed serial I/O simplifies interfacing to external
circuitry. Only single 3.3V power supply is needed. The
optical output can be disabled by LVTTL logic high-level
input of TX_DIS. Loss of signal (RX_LOS) output is
provided to indicate the loss of an input optical signal of
receiver.
A serial EEPROM in the transceiver allows the user to
access
transceiver
digital
diagnostic
monitoring
and
configuration data via the 2-wire XFP Management
Interface. This interface uses a single address, A0h, with a
memory map divided into a lower and upper area. Basic
digital diagnostic data is held in the lower area while specific
data is held in a series of tables in the high memory area.


Similar Part No. - XPS-4381W-D33G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Similar Description - XPS-4381W-D33G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4385W-D200G OPTOWAY-XPS-4385W-D200G Datasheet
245Kb / 11P
   8.5 Gbps/ 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-D21G OPTOWAY-XPS-4341W-D21G Datasheet
249Kb / 10P
   8.5 Gbps/ 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381W-D21G OPTOWAY-XPS-2381W-D21G Datasheet
245Kb / 10P
   10Gbps / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2341W-D21G OPTOWAY-XPS-2341W-D21G Datasheet
256Kb / 10P
   10Gbps / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com