Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS2SA-24V-Z Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # TXS2SA-24V-Z
Description  Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2SA-24V-Z Datasheet(HTML) 3 Page - Panasonic Semiconductor

  TXS2SA-24V-Z Datasheet HTML 1Page - Panasonic Semiconductor TXS2SA-24V-Z Datasheet HTML 2Page - Panasonic Semiconductor TXS2SA-24V-Z Datasheet HTML 3Page - Panasonic Semiconductor TXS2SA-24V-Z Datasheet HTML 4Page - Panasonic Semiconductor TXS2SA-24V-Z Datasheet HTML 5Page - Panasonic Semiconductor TXS2SA-24V-Z Datasheet HTML 6Page - Panasonic Semiconductor TXS2SA-24V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TX-S
3
ds_61022_en_txs: 060213D
3) 2 coil latching (L2, LT)
*Pulse drive (JIS C 5442-1986)
2. Specifications
Nominal coil
voltage
Set voltage
(at 20
C 68F)
Reset voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
1.5V DC
80%V or less of
nominal voltage*
(Initial)
80%V or less of
nominal voltage*
(Initial)
46.7mA
46.7mA
32.1
32.1
70mW
70mW
150%V of
nominal voltage
3V DC
23.3mA
23.3mA
129
129
4.5V DC
15.6mA
15.6mA
289
289
6V DC
11.7mA
11.7mA
514
514
9V DC
7.8mA
7.8mA
1,157
1,157
12V DC
5.8mA
5.8mA
2,057
2,057
24V DC
6.3mA
6.3mA
3,840
3,840
150mW
150mW
Characteristics
Item
Specifications
Contact
Arrangement
2 Form C
Initial contact resistance, max.
Max. 100 m
 (By voltage drop 6 V DC 1A)
Contact material
Standard contact: Ag+Au clad, AgPd contact (low level load): AgPd+Au clad (stationary),
AgPd (movable)
Rating
Nominal switching capacity
1 A 30 V DC (resistive load)
Max. switching power
30 W (DC) (resistive load)
Max. switching voltage
110V DC
Max. switching current
1 A
Min. switching capacity (Reference value)*1
*1
This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual
load. (AgPd contact type is available for low level load switching [10V DC, 10mA max. level].)
10
A 10mV DC
Nominal operating
power
Single side stable
50 mW (1.5 to 12 V DC), 70 mW (24 V DC)
1 coil latching
35 mW (1.5 to 12 V DC), 50 mW (24 V DC)
2 coil latching
70 mW (1.5 to 12 V DC), 150 mW (24 V DC)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
 (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
750 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
1,800 Vrms for 1min. (Detection current: 10mA)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA)
Surge breakdown
voltage (Initial)
Between open contacts
1,500 V (10
160s) (FCC Part 68)
Between contacts and coil
2,500 V (2
10s) (Telcordia)
Temperature rise (at 20
C 68F)
Max. 50
C
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 1A.)
Operate time [Set time] (at 20
C 68F)
Max. 5 ms [Max. 5 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.)
Release time [Reset time] (at 20
C 68F)
Max. 5 ms [Max. 5 ms] (Nominal coil voltage applied to the coil, excluding contact bounce
time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 750 m/s2 (Half-wave pulse of sine wave: 6 ms; detection time: 10
s.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
s.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 5
107 (at 180 cpm)
Electrical
Min. 2
105 (1 A 30 V DC resistive) (at 20 cpm)
Conditions
Conditions for operation, transport and storage*2
*2 Refer to “6. Usage, Storage and Transport Conditions“ in AMBIENT ENVIRONMENT section in Relay Technical Information.
Ambient temperature: –40
C to +70C –40F to +158F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
20 cpm
Unit weight
Approx. 2 g .071 oz


Similar Part No. - TXS2SA-24V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-1.5V PANASONIC-TXS2-1.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-12V PANASONIC-TXS2-12V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-24V PANASONIC-TXS2-24V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-3V PANASONIC-TXS2-3V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-4.5V PANASONIC-TXS2-4.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results

Similar Description - TXS2SA-24V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com