Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKNBE102JB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECKNBE102JB
Description  Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKNBE102JB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECKNBE102JB Datasheet HTML 1Page - Panasonic Semiconductor ECKNBE102JB Datasheet HTML 2Page - Panasonic Semiconductor ECKNBE102JB Datasheet HTML 3Page - Panasonic Semiconductor ECKNBE102JB Datasheet HTML 4Page - Panasonic Semiconductor ECKNBE102JB Datasheet HTML 5Page - Panasonic Semiconductor ECKNBE102JB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Disc Capacitors (Safety Regulations)
Type NS-A IEC60384-14 Sub-class Y1/X1
Type TS IEC60384-14 Sub-class Y2/X1
Type VS IEC60384-14 Sub-class Y2/X1 Smaller size
Type BE 250 VAC Electrical Appliance and Material
Safety Law compliance (Former Electrical
Appliance and Material Control Law)
E
1
C
2
K
3456789
10
11
12
Product Code
Class
Class 1
Class 2
Code
ECC
ECK
Suffix
Type Name
Code
NA
TS
VS
BE
Type
Type NS-A
Type TS
Type VS
Type BE
Code
G
B
E
F
Char.
SL/GP
B/Y5P
E/Y5U
F/Y5V
Temp. Char
Lead Style
Code
A
N
Style
Kinked Lead
Bulk
Kinked Lead
Taped
Cap.
100 pF
1000 pF
2200 pF
4700 pF
10000 pF
Nominal Capacitance
N
T
S
102
M
E
Ex.
101
102
222
472
103
(Examples)
Cap. Tol.
±5 %
±10 %
±20 %
+80, Ð20 %
Cap. Tolerance
Code
J
K
M
Z
n Explanation of Part Numbers
n Precautions for Handling
See Page 93 to 95
n Specifications
Characteristics
Type NS-A
Type TS
Type VS
Type BE
IEC 60384-14(Y1/,X1)
IEC 60384-14(Y2/,X1)
IEC 60384-14(Y2/, X1)
Electrical Appliance and
Related
BSI, VDE, SEV, SEMKO
BSI, VDE, SEV, SEMKO
VDE, SEMKO, FIMKO
Material Safety Law compliance
Standaeds
FIMKO, NEMKO, DEMKO
FIMKO, NEMKO, DEMKO
NEMKO, DEMKO
(Former Electrical Appliance
UL,CSA, KTL
UL,CSA, KTL
UL, KTL
and Material Control Law)
Operating
Ð25 to 125 ûC
Ð25 to 105 ûC
Temperature Range
Rated Voltage
250 VAC/440 VAC
250 VAC
Dielectric
4000 VAC
2600 VAC
1500 VAC
Withstanding
for 1 minute
for 1 minute
for 1 minute
Voltage
Capacitance
Within the tolerance, when measured at 1 kHz ± 20 %, 1 Vrms, and 20 ûC
Dissipation
tan d < 0.025, when measured at 1 kHz ± 20 %,1 Vrms, and 20 ûC
tan d < 0.025 for Char.E
Factor
  
tan d < 0.05 for Char.F
(tand)
at 1 kHz ±20 %, 1 Vrms, and 20 ûC
Insulation Resistance 10000 MW min at 500 VDC 1 minute electrification.
Temperature
Characteristics
Char.
max. Cap. Change
Temperature Range
SL/GP
+350 to -1000 ppm/ûC
20 to 85 ûC
B
±10 %
Ð25 to 85 ûC
E
+20,Ð55 %
Ð25 to 85 ûC
F
+30, Ð80 %
Ð25 to 85 ûC
Ceramic Disc Capacitors (Safety Regulations)
n Features
l Related by IEC60384-14 2nd Ed. and approved by
European Safety Regulations (Types NS-A, TS and
VS)
l Reinforced Body Insulation /0.4mm min. approved
by BSI, VDE (Type NS-A)
l Flame-retardant insulating coating applied
l Easy mounting through kinked Lead and Radial
Taping
n Recommended Applications
l Interference suppressor for AC Primary Line of
electronic equipments.
n Packaging Information
See Page 96 to 97


Similar Part No. - ECKNBE102JB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKNBE102ZE PANASONIC-ECKNBE102ZE Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results

Similar Description - ECKNBE102JB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
logo
3M Electronics
2131 3M-2131 Datasheet
39Kb / 4P
   3M??Scotchcast??Flame-Retardant Electrical Insulating Resin 2131
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
   FLAME RETARDANT ABS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com