Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1454T-IMLSQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F1454T-IMLSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
Download  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1454T-IMLSQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F1454T-IMLSQTP Datasheet HTML 1Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 2Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 3Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 4Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 5Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 6Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 7Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 8Page - Microchip Technology PIC16F1454T-IMLSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 418 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41639A-page 3
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• 14 Kbytes Linear Program Memory Addressing
• 1024 Bytes Linear Data Memory Addressing
• Operating Speed:
- DC – 48 MHz clock input
- DC – 83 ns instruction cycle
- Selectable 3x or 4x PLL for specific frequencies
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
capable of accessing both data or program
memory
- FSRs can read program and data memory
Special Microcontroller Features:
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF145X)
- 2.3V to 5.5V (PIC16F145X)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Programmable Brown-Out Reset (BOR)
• Low-Power BOR (LPBOR)
• Extended Watchdog Timer (WDT):
- Programmable period from 1 ms to 256s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• Enhanced Low-Voltage Programming (LVP)
• Power-Saving Sleep mode:
Universal Serial Bus (USB) Features:
• Self-Tuning from USB Host
(eliminates need for external crystal)
• USB V2.0 Compliant SIE
• Low Speed (1.5 Mb/s) and Full Speed (12 Mb/s)
• Supports Control, Interrupt, Isochronous and Bulk
Transfers
• Supports up to Eight Bidirectional Endpoints
• 512-Byte Dual Access RAM for USB
• Interrupt-on-Change (IOC) on D+/D- for USB Host
Detection
• Configurable Internal Pull-up Resistors for use
with USB
Extreme Low-Power Management
PIC16LF145X with XLP:
• Sleep mode: 25 nA @ 1.8V, typical
• Watchdog Timer Current: 290 nA @ 1.8V, typical
• Timer1 Oscillator: 600 nA @ 32 kHz, typical
• Operating Current: 25
A/MHz @ 1.8V, typical
Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
- Factory calibrated to ±0.25%, typical
- Software selectable frequency range from
16 MHz to 31 kHz
- Tunable to 0.25% across temperature range
- 48 MHz with 3x PLL
• 31 kHz Low-Power Internal Oscillator
• Clock Switching with run from:
- Primary Oscillator
- Secondary Oscillator (SOSC)
- Internal Oscillator
• Clock Reference Output:
- Clock Prescaler
-CLKOUT
Analog Features(1):
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- Up to nine external channels
- Two internal channels:
- Fixed Voltage Reference channel
- DAC output channel
- Auto acquisition capability
- Conversion available during Sleep
• Two Comparators:
- Rail-to-rail inputs
- Power mode control
- Software controllable hysteresis
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
• Up to One Rail-to-Rail Resistive 5-Bit DAC with
Positive Reference Selection
Note 1: Analog features are not available on
PIC16(L)F1454 devices.
14/20-Pin, 8-Bit Flash USB Microcontroller with
XLP Technology
PIC16(L)F1454/5/9


Similar Part No. - PIC16F1454T-IMLSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1454 MICROCHIP-PIC16F1454 Datasheet
495Kb / 38P
   PIC16(L)F145X Memory Programming Specification
11/29/11 2011-2012
PIC16F1454 MICROCHIP-PIC16F1454 Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
More results

Similar Description - PIC16F1454T-IMLSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1454 MICROCHIP-PIC16LF1454 Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
PIC16LF1554 MICROCHIP-PIC16LF1554 Datasheet
3Mb / 340P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
05/14/19
PIC16F1509-ESO MICROCHIP-PIC16F1509-ESO Datasheet
6Mb / 418P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12
PIC16F1508 MICROCHIP-PIC16F1508 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16F1825 MICROCHIP-PIC16F1825_12 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1825 MICROCHIP-PIC16LF1825_12 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC12F1822-I MICROCHIP-PIC12F1822-I Datasheet
7Mb / 436P
   8/14-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC12F1822 MICROCHIP-PIC12F1822 Datasheet
4Mb / 398P
   8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825 MICROCHIP-PIC16F1825 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825-I-ST MICROCHIP-PIC16F1825-I-ST Datasheet
3Mb / 418P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com