Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450DA1000-0309 Datasheet(PDF) 3 Page - Cree, Inc

Part # C450DA1000-0309
Description  Direct Attach LED Technology Rectangular LED RF Performance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450DA1000-0309 Datasheet(HTML) 3 Page - Cree, Inc

  C450DA1000-0309 Datasheet HTML 1Page - Cree, Inc C450DA1000-0309 Datasheet HTML 2Page - Cree, Inc C450DA1000-0309 Datasheet HTML 3Page - Cree, Inc C450DA1000-0309 Datasheet HTML 4Page - Cree, Inc C450DA1000-0309 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and DA and DA1000 are trademarks of Cree, Inc.
3
CPR3ES Rev A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxDA1000-Sxx000
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die
fromonlyonebin.Sorteddiekit(CxxxDA1000-Sxxxxx)ordersmaybefilledwithanyorallbins(CxxxDA1000-xxxxx)
containedinthekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=350mA.
Note:Theradiant-fluxvaluesabovearerepresentativeofthedieinaT-1¾encapsulated5-mmlamp.
Dominant Wavelength (nm)
C450DA1000-S48500
C450DA1000-0325
C450DA1000-0326
C450DA1000-0327
C450DA1000-0328
C450DA1000-0321
C450DA1000-0322
C450DA1000-0323
C450DA1000-0324
C450DA1000-0317
C450DA1000-0318
C450DA1000-0319
C450DA1000-0320
C450DA1000-0313
C450DA1000-0314
C450DA1000-0315
C450DA1000-0316
C450DA1000-0309
C450DA1000-0310
C450DA1000-0311
C450DA1000-0312
447.5
450
452.5
445
455
625
585
550
515
485
C460DA1000-S48500
C460DA1000-0325
C460DA1000-0326
C460DA1000-0327
C460DA1000-0328
C460DA1000-0321
C460DA1000-0322
C460DA1000-0323
C460DA1000-0324
C460DA1000-0317
C460DA1000-0318
C460DA1000-0319
C460DA1000-0320
C460DA1000-0313
C460DA1000-0314
C460DA1000-0315
C460DA1000-0316
C460DA1000-0309
C460DA1000-0310
C460DA1000-0311
C460DA1000-0312
Dominant Wavelength (nm)
457.5
460
462.5
455
465
625
585
550
515
485


Similar Part No. - C450DA1000-0309

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450DA1000-0309 MARKTECH-C450DA1000-0309 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
More results

Similar Description - C450DA1000-0309

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA3547-S07600 CREE-C450DA3547-S07600 Datasheet
403Kb / 5P
   Rectangular LED RF Performance High Reliability - Eutectic Attach
logo
Sanken electric
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
   2x4 Rectangular LED (Direct Mount)
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
   3.3x6 Rectangular Bicolor LED (Direct Mount)
logo
Chicago Miniature Lamp,...
CMD53124A CML-CMD53124A Datasheet
64Kb / 1P
   High Performance Rectangular LED Lamps
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Sanken electric
SEL5020 SANKEN-SEL5020 Datasheet
29Kb / 1P
   5-mm Pitch Lead Rectangular LED (Direct Mount)
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com