Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPS-4381W-D52G Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # XPS-4381W-D52G
Description  8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4381W-D52G Datasheet(HTML) 2 Page - Optoway Technology Inc

  XPS-4381W-D52G Datasheet HTML 1Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 2Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 3Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 4Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 5Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 6Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 7Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 8Page - Optoway Technology Inc XPS-4381W-D52G Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Optoway
XPS-4381W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2010
V1.0
2
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Distance
(km)
Sapcing
(GHz)
Wavelength
(nm)
Package
Case Temp
(
oC)
RoHS
Compliant
XPS-4381W-DXXG
8 / 4 / 2
FC-PI-4
80
100
DWDM*
XFP with DMI
0 to 70
Yes
XX: 100GHz ITU Grid wavelength (Please see below)
Channel #
Product code
Frequency (THz)
Center Wavelength (nm)
Label
21
XPS-4381W-D21G
192.1
1560.61
D21
22
XPS-4381W-D22G
192.2
1559.79
D22
23
XPS-4381W-D23G
192.3
1558.98
D23
24
XPS-4381W-D24G
192.4
1558.17
D24
25
XPS-4381W-D25G
192.5
1557.36
D25
26
XPS-4381W-D26G
192.6
1556.55
D26
27
XPS-4381W-D27G
192.7
1555.75
D27
28
XPS-4381W-D28G
192.8
1554.94
D28
29
XPS-4381W-D29G
192.9
1554.13
D29
30
XPS-4381W-D30G
193.0
1553.33
D30
31
XPS-4381W-D31G
193.1
1552.52
D31
32
XPS-4381W-D32G
193.2
1551.72
D32
33
XPS-4381W-D33G
193.3
1550.92
D33
34
XPS-4381W-D34G
193.4
1550.12
D34
35
XPS-4381W-D35G
193.5
1549.32
D35
36
XPS-4381W-D36G
193.6
1548.51
D36
37
XPS-4381W-D37G
193.7
1547.72
D37
38
XPS-4381W-D38G
193.8
1546.92
D38
39
XPS-4381W-D39G
193.9
1546.12
D39
40
XPS-4381W-D40G
194.0
1545.32
D40
41
XPS-4381W-D41G
194.1
1544.53
D41
42
XPS-4381W-D42G
194.2
1543.73
D42
43
XPS-4381W-D43G
194.3
1542.94
D43
44
XPS-4381W-D44G
194.4
1542.14
D44
45
XPS-4381W-D45G
194.5
1541.35
D45
46
XPS-4381W-D46G
194.6
1540.56
D46
47
XPS-4381W-D47G
194.7
1539.77
D47
48
XPS-4381W-D48G
194.8
1538.98
D48
49
XPS-4381W-D49G
194.9
1538.19
D49
50
XPS-4381W-D50G
195.0
1537.40
D50
51
XPS-4381W-D51G
195.1
1536.61
D51
52
XPS-4381W-D52G
195.2
1535.82
D52
53
XPS-4381W-D53G
195.3
1535.04
D53
54
XPS-4381W-D54G
195.4
1534.25
D54
55
XPS-4381W-D55G
195.5
1533.47
D55
56
XPS-4381W-D56G
195.6
1532.68
D56
57
XPS-4381W-D57G
195.7
1531.90
D57
58
XPS-4381W-D58G
195.8
1531.12
D58
59
XPS-4381W-D59G
195.9
1530.33
D59
60
XPS-4381W-D60G
196.0
1529.55
D60


Similar Part No. - XPS-4381W-D52G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Similar Description - XPS-4381W-D52G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4385W-D200G OPTOWAY-XPS-4385W-D200G Datasheet
245Kb / 11P
   8.5 Gbps/ 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-D21G OPTOWAY-XPS-4341W-D21G Datasheet
249Kb / 10P
   8.5 Gbps/ 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381W-D21G OPTOWAY-XPS-2381W-D21G Datasheet
245Kb / 10P
   10Gbps / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2341W-D21G OPTOWAY-XPS-2341W-D21G Datasheet
256Kb / 10P
   10Gbps / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com