Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD22151 Datasheet(PDF) 4 Page - Analog Devices

Part # AD22151
Description  Linear Output Magnetic Field Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22151 Datasheet(HTML) 4 Page - Analog Devices

  AD22151 Datasheet HTML 1Page - Analog Devices AD22151 Datasheet HTML 2Page - Analog Devices AD22151 Datasheet HTML 3Page - Analog Devices AD22151 Datasheet HTML 4Page - Analog Devices AD22151 Datasheet HTML 5Page - Analog Devices AD22151 Datasheet HTML 6Page - Analog Devices AD22151 Datasheet HTML 7Page - Analog Devices AD22151 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
–4–
AD22151
FIELD – Gauss
–600
400
–400
–200
0
200
0
0.005
0.010
0.015
0.020
0.025
600
Figure 5. Signal Drift over Temperature (–40
∞C to
+150
∞C) vs. Field (–200 ppm); 5 V Supply
TEMPERATURE – C
0.25
0.20
0
0.15
0.05
0.10
–40
10
60
110
160
–0.05
Figure 6. Gain Variation from 25
∞C vs. Temperature
(–200 ppm) Field; R1 –15 k
W
FIELD – Gauss
–600
400
–400
–200
0
200
0
0.010
0.015
0.020
0.025
600
0.005
0.045
0.040
0.030
0.035
–800
800
Figure 7. Signal Drift over Temperature (–40
∞C to
+150
∞C) vs. Field (–2000 ppm); 5 V Supply
TEMPERATURE – C
2.0
1.8
1.0
1.6
1.2
1.4
–40
10
60
110
160
–0.2
0.8
0.6
0.4
0.2
0
Figure 8. Gain Variation (from 25
∞C) vs. Temperature
(–2000 ppm Field; R1 = 12 k
W)
TEMPERATURE COMPENSATION
The AD22151 incorporates a “thermistor” transducer that
detects relative chip temperature within the package. This
function provides a compensation mechanism for the various
temperature dependencies of the Hall cell and magnet combina-
tions. The temperature information is accessible at Pins 1 and
2 (
+2900 ppm/
∞C) and Pin 3 ( –2900 ppm/∞C), as repre-
sented by Figure 9. The compensation voltages are trimmed
to converge at VCC/2 at 25
∞C. Pin 3 is internally connected to
the negative TC voltage via an internal resistor (see the Func-
tional Block Diagram). An external resistor connected between
Pin 3 and Pins 1 or 2 will produce a potential division of the
two complementary TC voltages to provide optimal compensa-
tion. The Pin 3 internal resistor provides a secondary TC
designed to reduce second order Hall cell temperature sensitivity.
TEMPERATURE – C
1.0
0.8
0
0.6
0.2
0.4
150
112
74
–2
–40
–0.2
–0.4
–0.6
–0.8
–1.0
36
TC1, TC2 VOLTS
TC3 VOLTS
Figure 9. TC1, TC2, and TC3 with Respect to Reference
vs. Temperature
The voltages present at Pins 1, 2, and 3 are proportional to the
supply voltage. The presence of the Pin 2 internal resistor dis-
tinguishes the effective compensation ranges of Pins 1 and 2.
(See temperature configuration in Figures 1 and 2, and typical
resistor values in Figures 10 and 11.)
Variation occurs in the operation of the gain temperature com-
pensation for two reasons. First, the die temperature within the
package is somewhat higher than the ambient temperature due


Similar Part No. - AD22151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151YR AD-AD22151YR Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
More results

Similar Description - AD22151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com