Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9834CRUZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9834CRUZ-REEL7
Description  20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9834CRUZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9834CRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD9834CRUZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9834
Rev. C | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
MCLK FREQUENCY (MHz)
4.0
0
0
75
5V
3V
TA = 25°C
3.5
3.0
2.5
2.0
1.5
1.0
0.5
15
30
45
60
Figure 7. Typical Current Consumption (IDD) vs. MCLK Frequency
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
fOUT (Hz)
TA = 25°C
5V
3V
100
1k
10k
100k
1M
10M
100M
Figure 8. Typical IDD vs. fOUT for fMCLK = 50 MHz
MCLK FREQUENCY (MHz)
–65
–60
–90
–70
–75
–80
–85
AVDD = DVDD = 3V
TA = 25°C
SFDR dB MCLK/50
SFDR dB MCLK/7
015
30
45
60
75
Figure 9. Narrow-Band SFDR vs. MCLK Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
MCLK FREQUENCY (MHz)
0
10203040506070
fOUT = 1MHz
SFDR dB MCLK/7
AVDD = DVDD = 3V
TA = 25°C
Figure 10. Wideband SFDR vs. MCLK Frequency
0
–40
–80
–50
–60
–70
–10
–20
–30
50MHz CLOCK
30MHz CLOCK
AVDD = DVDD = 3V
TA = 25°C
fOUT/fMCLK
0.001
0.01
0.1
1.0
10
100
Figure 11. Wideband SFDR vs. fOUT/fMCLK for Various MCLK Frequencies
MCLK FREQUENCY (MHz)
–60
–65
–70
–50
–55
–40
–45
1.0
5.0
10.0
12.5
25.0
50.0
TA = 25°C
AVDD = DVDD = 3V
fOUT = MCLK/4096
Figure 12. SNR vs. MCLK Frequency


Similar Part No. - AD9834CRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
AD9834 AD-AD9834 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9834BRU AD-AD9834BRU Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
AD9834BRU AD-AD9834BRU Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRU-REEL AD-AD9834BRU-REEL Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
More results

Similar Description - AD9834CRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
   20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
   20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9838 AD-AD9838 Datasheet
620Kb / 32P
   11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834 Datasheet
236Kb / 20P
   Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
REV PrM 04/02
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
   20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9833 AD-AD9833 Datasheet
210Kb / 18P
   2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
REV PrG 02/02
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9837 AD-AD9837 Datasheet
974Kb / 28P
   Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
REV. 0
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
   Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com