Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS12D4805C Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NCS12D4805C
Description  UL 60950 recognition pending 4:1 Wide range voltage input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCS12D4805C Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NCS12D4805C Datasheet HTML 1Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 2Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 3Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 4Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 5Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 6Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 7Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 8Page - Murata Power Solutions Inc. NCS12D4805C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NCS12 Series
Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
KDC_NCS12C.A02 Page 1 of 14
All enquiries: www.murata-ps.com/support
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
SELECTION GUIDE
Order Code
Input
Voltage
Output
Voltage
Output
Current
Load Regulation
Efficiency
MTTF1
Positive
Output
Negative
Output
Positive
Output
Negative
Output
Nom.
Typical
Max
Min.
Typ.
V
V
A
%
%
%
%
%
Hrs
NCS12S1203C
12
3.3
3.64
1
1.5
78
83.5 269,492
NCS12S1205C
12
5
2.40
0.5
1
85
88
313,578
NCS12S1212C
12
12
1.00
0.1
0.3
83
84.5 230,569
NCS12S1215C
12
15
0.80
0.1
0.3
83
85.5 195,596
NCS12S4803C
48
3.3
3.64
1.2
2
81
85.5 341,943
NCS12S4805C
48
5
2.40
0.5
1
85
87.5 418,117
NCS12S4812C
48
12
1.00
0.1
0.3
82
84.5 296,593
NCS12S4815C
48
15
0.80
0.1
0.3
84
85
259,485
NCS12D1205C
12
±5
±1.2
0.15
0.3
0.3
2
80
81.5 182,655
NCS12D1212C
12
±12
±0.5
0.05
0.2
0.3
1.5
83
85
158,750
NCS12D1215C
12
±15
±0.4
0.05
0.1
0.3
1
84
86
140,435
NCS12D4805C
48
±5
±1.2
0.15
0.5
0.3
2
78
80
165,931
NCS12D4812C
48
±12
±0.5
0.05
0.4
0.3
1
83
85
215,533
NCS12D4815C
48
±15
±0.4
0.05
0.4
0.3
1.5
83
85
146,257
SELECTION GUIDE (Continued)
Order Code
Input Current
Ripple and Noise
10% Load
10% Load
100% Load
Typ. 12/48V
Typ. 24V
Typ. 12/48V
Typ.
Max
A
A
A
mVp/p
mVp/p
NCS12S1203C
0.15
0.1
1.2
60
125
NCS12S1205C
0.1
0.16
1.1
50
125
NCS12S1212C
0.1
0.06
1.2
80
125
NCS12S1215C
0.06
0.1
1.2
100
125
NCS12S4803C
0.05
0.08
0.3
100
125
NCS12S4805C
0.05
0.08
0.3
90
125
NCS12S4812C
0.03
0.06
0.3
75
125
NCS12S4815C
0.03
0.06
0.3
90
125
NCS12D1205C
0.04
0.07
1.25
35
100
NCS12D1212C
0.04
0.07
1.2
40
100
NCS12D1215C
0.05
0.07
1.5
55
100
NCS12D4805C
0.03
0.07
0.3
70
100
NCS12D4812C
0.03
0.07
0.3
84
100
NCS12D4815C
0.03
0.07
0.4
55
100
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
12V input types
9
24
36
V
48V input types
18
48
75
Under voltage lock out
Turn on threshold 12V input types
8.5
V
Turn off threshold 12V input types
7.5
Turn on threshold 48V input types
16.7
Turn off threshold 48V input types
15.8
Power consumption at
shutdown
NCS12X12
10
mW
NCS12X48
100
Reflected ripple current
48V dual output types
15
mA p-p
All other types
10
1 Calculated using MIL-HDBK-217 FN2, parts stress method with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
„ UL 60950 recognition pending
„ 4:1 Wide range voltage input
„Operating temperature range -40°C to 85°C
„ Typical load regulation from 0.05%
„ 1.5kVDC Isolation
„ 3.3V, 5V, 12V & 15V outputs
„ UL 94V-0 Package materials
„ No electrolytic capacitors
„ Thermal shutdown
„ Under voltage lock out
„ Current fold back
PRODUCT OVERVIEW
The NCS12 series of DC/DC converters offers
single & dual output voltages from input voltage
ranges of 9-36V and 18-75V. The NCS12 is
housed in an industry standard package with
a standard pinout. The NCS12 is packaged in a
metal case for improved EMI shielding and is also
encapsulated for superior thermal performance.
Applications include telecommunications, battery
powered systems, process control and distributed
power systems.


Similar Part No. - NCS12D4805C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12D4805C MURATA-PS-NCS12D4805C Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com