Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450EZ1000-0217-2 Datasheet(PDF) 2 Page - Cree, Inc

Part # C450EZ1000-0217-2
Description  EZBright LED Technology Low Forward Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450EZ1000-0217-2 Datasheet(HTML) 2 Page - Cree, Inc

  C450EZ1000-0217-2 Datasheet HTML 1Page - Cree, Inc C450EZ1000-0217-2 Datasheet HTML 2Page - Cree, Inc C450EZ1000-0217-2 Datasheet HTML 3Page - Cree, Inc C450EZ1000-0217-2 Datasheet HTML 4Page - Cree, Inc C450EZ1000-0217-2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andEZBright.EZ1000andEZaretrademarksofCree,Inc.
2
CPR3EC Rev. A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
Fax:+1.919.313.5778
www.cree.com
Maximum Ratings at T
A = 25°C
Note 1, 2 & 3
CxxxEZ1000-Sxx000-2
DCForwardCurrent
1000mA
PeakForwardCurrent(1/10dutycycle@1kHz)
1250mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+125°C
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 350 mA
Note 2
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450EZ1000-Sxx000-2
2.9
3.2
3.8
2
20
C460EZ1000-Sxx000-2
2.9
3.2
3.8
2
21
C527EZ1000-Sxx000-2
3.0
3.4
4.0
2
35
Mechanical Specifications
CxxxEZ1000-Sxx000-2
Description
Dimensions
Tolerance
P-NJunctionArea(μm)
950x950
±35
ChipArea(μm)
980x980
±35
ChipThickness(μm)
170
±25
TopAuBondPad(μm)-Qty.2
150x150
±25
AuBondPadThickness(μm)
3.0
±1.5
BackContactMetalArea(μm)
980x980
±35
BackContactMetalThickness(μm)
3.0
±1.5
Notes:
1.
Maximumratingsarepackage-dependent.Theaboveratingsweredeterminedusinga3.45x3.45mmSMTpackagewithoutan
encapsulantforcharacterization.Ratingsforotherpackagesmaydiffer.Thejunctiontemperatureshouldbecharacterizedina
specificpackagetodeterminelimitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).SeeCree
EZBrightApplicationsNoteforassembly-processinformation.
2.
Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat350mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbythemanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusingaAu-platedTO39headerwithoutanencapsulant.Opticalcharacteristicsweremeasuredinan
integratingsphereusingIlluminanceE.
3.
ThemaximumforwardcurrentisdeterminedbythethermalresistancebetweentheLEDjunctionandambient.Itiscrucialfor
theend-producttobedesignedinamannerthatminimizesthethermalresistancefromtheLEDjunctiontoambientinorderto
optimizeproductperformance.
0
200
400
600
800
1000
1200
25
50
75
100
125
150
175
Ambient Temperature (˚C)
Rth j-a = 10 °C/W
Rth j-a = 15 °C/W
Rth j-a = 20 °C/W
Rth j-a = 25 °C/W


Similar Part No. - C450EZ1000-0217-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450EZ1000-0217-2 MARKTECH-C450EZ1000-0217-2 Datasheet
456Kb / 5P
   Cree EZ1000 Gen II LEDs
More results

Similar Description - C450EZ1000-0217-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ900-S34000-2 CREE-C450EZ900-S34000-2 Datasheet
397Kb / 6P
   EZBright LED Technology Lambertian Radiation
C450EZ700-S24000-2 CREE-C450EZ700-S24000-2 Datasheet
275Kb / 5P
   EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
C450EZ1400-S80000-2 CREE-C450EZ1400-S80000-2 Datasheet
309Kb / 5P
   EZBright LED Technology Conductive Epoxy, Solder Paste or Preforms, or Flux
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
C460EZ290-S2100-2 CREE-C460EZ290-S2100-2 Datasheet
411Kb / 5P
   EZBright LED RF Performance Lambertian Radiation
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
   Low Forward Voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com