Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR260-0420 Datasheet(PDF) 3 Page - Cree, Inc

Part # C450TR260-0420
Description  Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR260-0420 Datasheet(HTML) 3 Page - Cree, Inc

  C450TR260-0420 Datasheet HTML 1Page - Cree, Inc C450TR260-0420 Datasheet HTML 2Page - Cree, Inc C450TR260-0420 Datasheet HTML 3Page - Cree, Inc C450TR260-0420 Datasheet HTML 4Page - Cree, Inc C450TR260-0420 Datasheet HTML 5Page - Cree, Inc C450TR260-0420 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2007-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR260 are trademarks of Cree, Inc.
3
CPR3DK Rev C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxTR260-Sxx00
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Asorteddiesheetcontainsdiefrom
onlyonebin.Sorteddiekit(CxxxTR260-Sxxxx)ordersmaybefilledwithanyorallbins(CxxxTR260-xxxx)containedin
thekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=20mA.
450-nm Kit
460-nm Kit
C450TR260-S3300
C450TR260-0417
C450TR260-0418
C450TR260-0419
C450TR260-0420
C450TR260-0413
C450TR260-0414
C450TR260-0415
C450TR260-0416
C450TR260-0409
C450TR260-0410
C450TR260-0411
C450TR260-0412
C450TR260-0405
C450TR260-0406
C450TR260-0407
C450TR260-0408
Dominant Wavelength (nm)
447.5
450
452.5
445
455
39
37
35
33
C460TR260-S3300
C460TR260-0417
C460TR260-0418
C460TR260-0419
C460TR260-0420
C460TR260-0413
C460TR260-0414
C460TR260-0415
C460TR260-0416
C460TR260-0409
C460TR260-0410
C460TR260-0411
C460TR260-0412
C460TR260-0405
C460TR260-0406
C460TR260-0407
C460TR260-0408
Dominant Wavelength (nm)
457.5
460
462.5
455
465
39
37
35
33


Similar Part No. - C450TR260-0420

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR260-0420 MARKTECH-C450TR260-0420 Datasheet
340Kb / 6P
   TR260 LEDs
More results

Similar Description - C450TR260-0420

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com