Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7386-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7386-20
Description  20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7386-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7386-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7386-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7386-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To
10 Watts Up To 3 GHz PE7386-20
URL:
http://www.pasternack.com/20db-fixed-n-male-n-female-10-watts-attenuator-pe7386-20-p.aspx
PE7386-20
PE7386-20 REV
20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink
Black Anodized Body Rated To 10 Watts Up To 3 GHz


Similar Part No. - PE7386-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7386-10 PASTERNACK-PE7386-10 Datasheet
249Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-15 PASTERNACK-PE7386-15 Datasheet
249Kb / 3P
   15 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-3 PASTERNACK-PE7386-3 Datasheet
249Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-30 PASTERNACK-PE7386-30 Datasheet
249Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-40 PASTERNACK-PE7386-40 Datasheet
249Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
More results

Similar Description - PE7386-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7386-10 PASTERNACK-PE7386-10 Datasheet
249Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-3 PASTERNACK-PE7386-3 Datasheet
249Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7010-20 PASTERNACK-PE7010-20 Datasheet
220Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
PE7048-20 PASTERNACK-PE7048-20 Datasheet
223Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7385-20 PASTERNACK-PE7385-20 Datasheet
267Kb / 5P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to 100 Watts Up to 3 GHz
PE7389-20 PASTERNACK-PE7389-20 Datasheet
248Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
PE7386-15 PASTERNACK-PE7386-15 Datasheet
249Kb / 3P
   15 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-40 PASTERNACK-PE7386-40 Datasheet
249Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7048-3 PASTERNACK-PE7048-3 Datasheet
223Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7386-30 PASTERNACK-PE7386-30 Datasheet
249Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com