Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPS-4385W-D485G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # XPS-4385W-D485G
Description  8.5 Gbps/ 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4385W-D485G Datasheet(HTML) 3 Page - Optoway Technology Inc

  XPS-4385W-D485G Datasheet HTML 1Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 2Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 3Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 4Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 5Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 6Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 7Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 8Page - Optoway Technology Inc XPS-4385W-D485G Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Optoway
XPS-4385W-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012
V2.0
3
Channel #
Product code
Frequency (THz)
Center Wavelength (nm)
Label
450
XPS-4385W-D450G
194.50
1541.35
450
455
XPS-4385W-D455G
194.55
1540.95
455
460
XPS-4385W-D460G
194.60
1540.56
460
465
XPS-4385W-D465G
194.65
1540.16
465
470
XPS-4385W-D470G
194.70
1539.77
470
475
XPS-4385W-D475G
194.75
1539.37
475
480
XPS-4385W-D480G
194.80
1538.98
480
485
XPS-4385W-D485G
194.85
1538.58
485
490
XPS-4385W-D490G
194.90
1538.19
490
495
XPS-4385W-D495G
194.95
1537.79
495
500
XPS-4385W-D500G
195.00
1537.40
500
505
XPS-4385W-D505G
195.05
1537.00
505
510
XPS-4385W-D510G
195.10
1536.61
510
515
XPS-4385W-D515G
195.15
1536.22
515
520
XPS-4385W-D520G
195.20
1535.82
520
525
XPS-4385W-D525G
195.25
1535.43
525
530
XPS-4385W-D530G
195.30
1535.04
530
535
XPS-4385W-D535G
195.35
1534.64
535
540
XPS-4385W-D540G
195.40
1534.25
540
545
XPS-4385W-D545G
195.45
1533.86
545
550
XPS-4385W-D550G
195.50
1533.47
550
555
XPS-4385W-D555G
195.55
1533.07
555
560
XPS-4385W-D560G
195.60
1532.68
560
565
XPS-4385W-D565G
195.65
1532.29
565
570
XPS-4385W-D570G
195.70
1531.90
570
575
XPS-4385W-D575G
195.75
1531.51
575
580
XPS-4385W-D580G
195.80
1531.12
580
585
XPS-4385W-D585G
195.85
1530.72
585
590
XPS-4385W-D590G
195.90
1530.33
590
595
XPS-4385W-D595G
195.95
1529.94
595
600
XPS-4385W-D600G
196.00
1529.55
600


Similar Part No. - XPS-4385W-D485G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-D22G OPTOWAY-XPS-4381W-D22G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-D23G OPTOWAY-XPS-4381W-D23G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Similar Description - XPS-4385W-D485G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-D21G OPTOWAY-XPS-4341W-D21G Datasheet
249Kb / 10P
   8.5 Gbps/ 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385W-D200G OPTOWAY-XPS-2385W-D200G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
SPS-4385W-D200G OPTOWAY-SPS-4385W-D200G Datasheet
205Kb / 7P
   8.5 Gbps/ 50 GHz DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com