Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR260-0409 Datasheet(PDF) 1 Page - Cree, Inc

Part # C450TR260-0409
Description  Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR260-0409 Datasheet(HTML) 1 Page - Cree, Inc

  C450TR260-0409 Datasheet HTML 1Page - Cree, Inc C450TR260-0409 Datasheet HTML 2Page - Cree, Inc C450TR260-0409 Datasheet HTML 3Page - Cree, Inc C450TR260-0409 Datasheet HTML 4Page - Cree, Inc C450TR260-0409 Datasheet HTML 5Page - Cree, Inc C450TR260-0409 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• RectangularLEDRFPerformance
– 450&460nm–33+mW
– 470nm–30+mW
– 527nm–12+mW
• EpoxyDieAttach
• LowForwardVoltage-3.1Vtypat20mA
• 1000-VESDThresholdRating
• InGaNJunctiononThermallyConductiveSiC
Substrate
APPLICATIONS
• SmallLCDBacklighting–0.8mm&0.6mm
sideviewpackages
− MobileAppliances
− DigitalCameras
− CarNavigationSystems
• MediumLCDBacklighting–0.8mm&0.6mm
sideviewpackages
− PortablePCs
− Monitors
• LEDVideoDisplays
• GeneralLighting
TR260™ LEDs
CxxxTR260-Sxx00
Cree’sTR™LEDsarethenewestgenerationofsolid-stateLEDemittersthatcombinehighlyefficientInGaNmaterials
withCree’sproprietarydevicetechnologyandsiliconcarbidesubstratestodeliversuperiorvaluefortheLCDsideview
market.TheTRLEDsareamongthebrightestinthesideviewmarketwhiledeliveringalowforwardvoltageresultingin
averybrightandhighlyefficientsolutionforthe0.6-mmand0.8-mmsideviewmarket.Thedesignisoptimallysuited
forindustrystandardsideviewpackagesasitisdieattachablewithclearepoxyandhastwotopcontacts,consistent
withindustrystandardpackaging.
CxxxTR260-Sxx00 Chip Diagram
Top View
Bottom View
Die Cross Section
Cathode(-)
98x98μm
TR260LED
260x480μm
t=115μm
BottomSurface
160x380μm
Anode(+)
90μmDiameter
Junction
440x220μm


Similar Part No. - C450TR260-0409

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR260-0409 MARKTECH-C450TR260-0409 Datasheet
340Kb / 6P
   TR260 LEDs
More results

Similar Description - C450TR260-0409

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com