Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC33267U5C1AR50D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GC33267U5C1AR50D
Description  Chip Monolithic Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC33267U5C1AR50D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GC33267U5C1AR50D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GC33267U5C1AR50D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
o Part Numbering
(Part Number)
w
qProduct ID
wSeries
Chip Monolithic Ceramic Capacitors
GC
J
M
3
Soft Termination Type Power-train, Safety Equipment
Power-train, Safety Equipment
Large Capacitance and High Allowable Ripple Current
Power-train, Safety Equipment
Product ID
Code
Series
GC
q
M
e
18
r
8
t
R7
y
1H
u
102
i
K
o
A37
eDimension (LgW)
!0
D
Code
0.6g0.3mm
1.0g0.5mm
1.6g0.8mm
2.0g1.25mm
3.2g1.6mm
3.2g2.5mm
4.5g3.2mm
5.7g5.0mm
Dimension (LgW)
0201
0402
0603
0805
1206
1210
1812
2220
EIA
03
15
18
21
31
32
43
55
B
C
D
E
M
N
Q
R
X
1.25mm
1.6mm
2.0mm
2.5mm
1.15mm
1.35mm
1.5mm
1.8mm
Depends on individual standards.
A
1.0mm
rDimension (T)
Code
3
5
6
8
9
0.3mm
0.5mm
0.6mm
0.8mm
0.85mm
Dimension (T)
Continued on the following page.
uCapacitance
Expressed by three-digit alphanumerics. The unit is pico-farad
(pF). The first and second figures are significant digits, and the
third figure expresses the number of zeros that follow the two
numbers.
If there is a decimal point, it is expressed by the capital letter "
R."
In this case, all figures are significant digits.
R50
1R0
100
103
Ex.)
0.5pF
1.0pF
10pF
10000pF
Code
Capacitance
yRated Voltage
0J
1A
1C
1E
YA
1H
2A
2E
2W
2J
3A
DC6.3V
DC10V
DC16V
DC25V
DC35V
DC50V
DC100V
DC250V
DC450V
DC630V
DC1kV
Code
Rated Voltage
–55 to 125
°C
±22%
X7S
C7
–55 to 125
°C
tTemperature Characteristics
Code
Temperature Characteristic Codes
Temperature Characteristics
25 to 125
°C
25
°C
Temperature
Range
Reference
Temperature
0
±30ppm/°C
Capacitance Change or
Temperature Coefficient
C0G
EIA
25
°C
EIA
–55 to 125
°C
+22, –33%
X7T
D7
–55 to 125
°C
25
°C
EIA
–55 to 125
°C
±15%
X7R
R7
–55 to 125
°C
25
°C
EIA
25 to 125
°C
–750
±120ppm/°C
U2J
7U
–55 to 125
°C
25
°C
EIA
Public STD Code
5C
–55 to 125
°C
Operating
Temperature
Range
Murata Code
Capacitance Change from 25
°C (%)
–55
°C
–30
°C
–10
°C
Max.
Min.
Max.
Min.
Max.
Min.
5C
0.58
–0.24
0.40
–0.17
0.25
–0.11
7U
8.78
5.04
6.04
3.47
3.84
2.21
oCapacitance Change from each temperature


Similar Part No. - GC33267U5C1AR50D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GC332DD72E154KX01 MURATA1-GC332DD72E154KX01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GC332DD72E154KX01L MURATA-GC332DD72E154KX01L Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog AEC-Q200 compliant product
GC332DD72E154KX01L MURATA-GC332DD72E154KX01L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GC332DD72J333KX01 MURATA1-GC332DD72J333KX01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GC332DD72J333KX01L MURATA-GC332DD72J333KX01L Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog AEC-Q200 compliant product
More results

Similar Description - GC33267U5C1AR50D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com