Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR3041-0201 Datasheet(PDF) 2 Page - Cree, Inc

Part # C450TR3041-0201
Description  Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR3041-0201 Datasheet(HTML) 2 Page - Cree, Inc

  C450TR3041-0201 Datasheet HTML 1Page - Cree, Inc C450TR3041-0201 Datasheet HTML 2Page - Cree, Inc C450TR3041-0201 Datasheet HTML 3Page - Cree, Inc C450TR3041-0201 Datasheet HTML 4Page - Cree, Inc C450TR3041-0201 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2008Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTR,TR30andTR300aretrademarksofCree,Inc.
2
CPR3DV Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxTR3041-Sxx00
DCForwardCurrent
50mA
PeakForwardCurrent(1/10dutycycle@1kHz)
100mA
LEDJunctionTemperature
125°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR3041-Sxx00
2.7
3.2
3.7
2
20
C460TR3041-Sxx00
2.7
3.2
3.7
2
21
Mechanical Specifications
CxxxTR3041-Sxx00
Description
Dimension
Tolerance
P-NJunctionArea(μm)
260x370
±35
ChipArea(μm)
300x410
±35
ChipThickness(μm)
140
±15
AuBondPadDiameterAnode(μm)
80
-5,+15
AuBondPadThicknesses(μm)
1.0
±0.5
AuBondPadAreaCathode(μm)
98x98
-5,+15
BottomArea(μm)
155x265
±35
Notes:
1. Maximumratingsarepackagedependent.TheaboveratingsweredeterminedusingaT-13/4package(withHysolOS4000epoxy
encapsulationandclearepoxydieattach)forcharacterization.Ratingsforotherpackagesmaydiffer.Theforwardcurrents(DC
andPeak)arenotlimitedbythediebutbytheeffectoftheLEDjunctiontemperatureonthepackage.Thejunctiontemperature
limitof125°CisalimitoftheT-13/4package;junctiontemperatureshouldbecharacterizedinaspecificpackagetodetermine
limitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat20mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxyencapsulantandclearepoxydieattach).
OpticalcharacteristicsmeasuredinanintegratingsphereusingIlluminanceE.


Similar Part No. - C450TR3041-0201

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR3041-0201 MARKTECH-C450TR3041-0201 Datasheet
303Kb / 5P
   TR300 LEDs
More results

Similar Description - C450TR3041-0201

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com