Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPS-2385MW-D555G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # XPS-2385MW-D555G
Description  10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2385MW-D555G Datasheet(HTML) 1 Page - Optoway Technology Inc

  XPS-2385MW-D555G Datasheet HTML 1Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 2Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 3Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 4Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 5Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 6Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 7Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 8Page - Optoway Technology Inc XPS-2385MW-D555G Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Optoway
XPS-2385MW-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012
V2.0
1
XPS-2385MW-DXXXG
(RoHS Compliant)
10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Supports 9.95 Gbps to 11.1Gbps
l Complaint with XFP MSA
l Compliant with XFI 10G Serial Electrical Interface
l Maximum Link Length of 80 km
l Temperature-stabilized DWDM EML Transmitter
l 50 GHz ITU Grid, C Band
l 2-Wire Interface for Integrated Digital Diagnostic
Monitoring
l XFI Loopback Mode
l No reference Clock required
l Power Dissipation < 3.5 W
l Dual 5V and +3.3 V Power Supply
l RoHS-6 Compliant
l -5 to 70oC Case Operating Temperature
APPLICATIONS
l DWDM 10Gb/s SONET/SDH ITU-T G.698.1
l DWDM 10 Gb/s SONET/SDH with ITU-T G.709
l DWDM 80km 10G Etherent
l DWDM 80km 10G Fibre Channel
l DWDM 80km 10G Ethernet with FEC
LASER SAFETY
This single-mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
DESCRIPTION
XPS-2385MW-DXXXG series DWDM transceiver is
designed
for
single-mode
fibre
serial
optical
data
communications
such
as
10G
SONET/SDH,
10GBASE-ZR/ZW Ethernet and 10G Fibre Channel.
This module is designed for single mode fiber and
operates at a nominal wavelength of 50GHz ITU Grid, C
Band DWDM wavelength. The transmitter section consists
of a temperature-stabilized DWDM electrical-modulated
laser (EML), driver and signal conditioner. The receiver
section incorporates an avalanche photodiode integrated
with a trans-impedance preamplifier (TIA) and signal
conditioner.
The module is with the XFP 30-pin connector to allow
hot plug capability. Integrated Tx and Rx signal conditioners
provide high jitter-tolerance for full XFI compliance and no
external reference clock required. The internally ac coupled
high speed serial I/O simplifies interfacing to external
circuitry. Dual 5V and 3.3V power supply are used. The
optical output can be disabled by LVTTL logic high-level
input of TX_DIS. Loss of signal (RX_LOS) output is
provided to indicate the loss of an input optical signal of
receiver.
A serial EEPROM in the transceiver allows the user to
access
transceiver
digital
diagnostic
monitoring
and
configuration data via the 2-wire XFP Management
Interface. This interface uses a single address, A0h, with a
memory map divided into a lower and upper area. Basic
digital diagnostic data is held in the lower area while specific
data is held in a series of tables in the high memory area.


Similar Part No. - XPS-2385MW-D555G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2385W-D200G OPTOWAY-XPS-2385W-D200G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2385W-D205G OPTOWAY-XPS-2385W-D205G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2385W-D210G OPTOWAY-XPS-2385W-D210G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2385W-D215G OPTOWAY-XPS-2385W-D215G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2385W-D220G OPTOWAY-XPS-2385W-D220G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
More results

Similar Description - XPS-2385MW-D555G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2341MW-D21G OPTOWAY-XPS-2341MW-D21G Datasheet
257Kb / 10P
   10G Multirate / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385W-D200G OPTOWAY-XPS-2385W-D200G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-4385W-D200G OPTOWAY-XPS-4385W-D200G Datasheet
245Kb / 11P
   8.5 Gbps/ 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2381W-D21G OPTOWAY-XPS-2381W-D21G Datasheet
245Kb / 10P
   10Gbps / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2341MW-CXX0G OPTOWAY-XPS-2341MW-CXX0G Datasheet
240Kb / 9P
   10Gbps Multirate / 40 km / CWDM XFP Single-Mode Optical Transceiver
XPS-2341W-D21G OPTOWAY-XPS-2341W-D21G Datasheet
256Kb / 10P
   10Gbps / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
237Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com